Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1100CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1100CS
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1100CS Datasheet HTML 1Page - Linear Technology LTC1100CS Datasheet HTML 2Page - Linear Technology LTC1100CS Datasheet HTML 3Page - Linear Technology LTC1100CS Datasheet HTML 4Page - Linear Technology LTC1100CS Datasheet HTML 5Page - Linear Technology LTC1100CS Datasheet HTML 6Page - Linear Technology LTC1100CS Datasheet HTML 7Page - Linear Technology LTC1100CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC1100
3
LTC1100AMJ (Note 3)
LTC1100MJ
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
TA =25°C
0.01
0.05
0.01
0.075
±%
q
0.11
0.150
±%
Gain Nonlinearity
TA =25°C
3
8
3
20
ppm
q
40
65
ppm
Input Offset Voltage
(Note 1)
±1
±10
±1
±10
µV
Input Offset Voltage Drift
(Note 1)
q
±5
±100
±5
±100
nV/
°C
Input Noise Voltage
DC to 10Hz, TA =25°C
1.9
1.9
µVP-P
Input Bias Current
TA =25°C
5
50
5
65
pA
q
300
450
pA
Input Offset Current
q
80
120
pA
Common-Mode Rejection Ratio
VCM = −4.7V to 2.3V
q
100
90
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
q
115
95
dB
Output Voltage Swing
RL= 10k, VS = ±8V
q
– 7.4
7.4
– 7.4
7.4
V
RL=2k, VS = ±8V
q
– 7.0
6.0
– 7.0
6.0
V
Supply Current
TA =25°C
2.4
2.4
3.3
mA
q
4.2
4.6
mA
Internal Sampling Frequency
TA =25°C
2.8
2.8
kHz
Bandwidth
TA =25°C
18
18
kHz
ELECTRICAL C
C
HARA TERISTICS V
S = ± 5V, RL = 10k, CC = 1000pF, unless otherwise specified.
ELECTRICAL C
C
HARA TERISTICS
LTC1100ACS (Note 3)
LTC1100CS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Gain Error
TA =25°C, A V =100
0.01
0.05
0.01
0.075
±%
A V =100
q
0.10
0.150
±%
A V =10
0.01
0.04
0.01
0.060
±%
A V =10
q
0.10
0.150
±%
Gain Nonlinearity
TA =25°C, AV =100
3
8
3
20
ppm
A V =100
q
12
30
12
60
ppm
A V =10
1
8
1
10
ppm
A V =10
q
25
40
ppm
Input Offset Voltage
(Note 1)
±1
±10
±1
±10
µV
Input Offset Voltage Drift
(Note 1)
q
±5
±100
±5
±100
nV/
°C
Input Noise Voltage
DC to 10Hz, TA =25°C
1.9
1.9
µVP-P
Input Bias Current
TA =25°C
2.5
50
2.5
65
pA
q
120
135
pA
Input Offset Current
q
10
50
10
65
pA
Common-Mode Rejection Ratio
VCM= −4.7V to 2.3V,
A V =100
q
104
115
90
110
dB
A V =10
q
95
85
dB
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
q
120
105
dB
VS = ±5V, RL = 10k, CC = 1000pF, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com