Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1100CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1100CS
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1100CS Datasheet HTML 1Page - Linear Technology LTC1100CS Datasheet HTML 2Page - Linear Technology LTC1100CS Datasheet HTML 3Page - Linear Technology LTC1100CS Datasheet HTML 4Page - Linear Technology LTC1100CS Datasheet HTML 5Page - Linear Technology LTC1100CS Datasheet HTML 6Page - Linear Technology LTC1100CS Datasheet HTML 7Page - Linear Technology LTC1100CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LTC1100
1
DESCRIPTIO
S
FEATURE
The LTC1100 is a high precision instrumentation ampli-
fier using chopper-stabilization techniques to achieve
outstanding DC performance. The input DC offset is
typically 1
µV while the DC offset drift is typically 10nV/°C;
a very low bias current of 50pA is also achieved.
The LTC1100 is self-contained; that is, it achieves a differ-
ential gain of 100 without any external gain setting resistor
or trim pot. The gain linearity is 8ppm and the gain drift is
4ppm/
°C. The LTC1100 operates from a single 5V supply
up to
±8V. The output typically swings 300mV from its
power supply rails with a 10k load.
An optional external capacitor can be added from pin 7 to
pin 8 to tailor the device’s 18kHz bandwidth and to
eliminate any unwanted noise pickup.
The LTC1100 is also offered in a 16-pin surface mount
package with selectable gains of 10 or 100.
The LTC1100 is manufactured using Linear Technology’s
enhanced LTCMOS
TM silicon gate process.
Precision, Chopper-Stabilized
Instrumentation Amplifier
s
Offset Voltage: 10
µV Max
s
Offset Voltage Drift: 50nV/
°C Max
s
Bias Current: 50pA Max
s
Offset Current: 50pA Max
s
Gain Nonlinearity: 8ppm Max
s
Gain Error:
±0.05% Max
s
CMRR: 104dB
s
0.1Hz to 10Hz Noise: 2
µVP-P
s
Single 5V Supply Operation
s
8-Pin MiniDIP
S
APPLICATI
s
Thermocouple Amplifiers
s
Strain Gauge Amplifiers
s
Differential to Single-Ended Converters
LTCMOS is a trademark of Linear Technology Corporation
Single 5V Supply, DC Instrumentation Amplifier
–VIN
0.1
µF
0.01
µF
1
2
3
4
8
7
6
5
VOUT
VIN
V+ = 5V
VOUT = 100 [VIN – (–VIN)]
LTC1100
LTC1100 • TA01
APPLICATI
TYPICAL


Similar Part No. - LTC1100CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1100CSW LINER-LTC1100CSW Datasheet
135Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
More results

Similar Description - LTC1100CS

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1050 LINER-LTC1050 Datasheet
814Kb / 16P
Precision Chopper Stabilized Operational Amplifier with Internal Capacitors
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
Chopper Stabilized Operational Amplifier
2002
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
CHOPPER STABILIZED AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
logo
Texas Instruments
ICL7652P TI1-ICL7652P Datasheet
2Mb / 16P
Advanced LinCMOSTM PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com