Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1100CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1100CS
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1100CS Datasheet HTML 1Page - Linear Technology LTC1100CS Datasheet HTML 2Page - Linear Technology LTC1100CS Datasheet HTML 3Page - Linear Technology LTC1100CS Datasheet HTML 4Page - Linear Technology LTC1100CS Datasheet HTML 5Page - Linear Technology LTC1100CS Datasheet HTML 6Page - Linear Technology LTC1100CS Datasheet HTML 7Page - Linear Technology LTC1100CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LTC1100
4
ELECTRICAL C
C
HARA TERISTICS V
S = ± 5V, RL = 10k, CC = 1000pF, unless otherwise specified.
LTC1100ACS (Note 3)
LTC1100CS
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Voltage Swing
RL=10k, VS = ±8V
q
– 7.2
6.2
– 7.2
6.2
V
RL= 2k, VS = ±8V
q
– 7.7
7.5
– 7.7
7.5
V
Supply Current
TA =25°C
2.4
2.8
2.4
3.3
mA
q
3.4
4.0
3.4
4.5
mA
Internal Sampling Frequency
TA =25°C
2.8
2.8
kHz
Bandwidth
G = 100
TA =25°C
18
18
kHz
G = 10
180
180
kHz
The q denotes the specifications which apply over the full operating
temperature range.
Note 1: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit determined by test equipment
capability.
Note 2: See Applications Information, Single Supply Operation.
Note 3: Please consult Linear Technology Marketing.
BLOCK DIAGRA S
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Gain Error vs Temperature
FREQUENCY (Hz)
15
20
25
30
35
100
10k
100k
1M
LTC1100 • TPC02
1k
40
30
60
90
120
150
180
(G = 100)
GAIN
PHASE
45
10
5
0
–30
210
GAIN
(G = 10)
Gain, Phase vs Frequency
Gain Nonlinearity
vs Temperature
LTC1100 • BD01
4 (V–)
6
R
99R
8
7
5 (V+)
R
2
3
99R
1
–
+
–
+
R = 2.5k
10 (V )
+
LTC1100 • BD02
7 (V )
11
R
90R
15
14
R
6
9R
−
+
–
+
9R
13
–
4
2
90R
3
R = 2.5k
NOTE: FOR A VOLTAGE GAIN OF 10V/V SHORT PIN 2 TO 3, AND PIN 14 TO 15.
TEMPERATURE (°C)
–50
0
0.01
0.02
0.03
–25
0
25
50
LTC1100 • TPC01
75
100
125
0.04
0.05
–0.01
VS = ±8V
RL = 50k
TEMPERATURE (°C)
–50
0
5
10
15
–25
0
25
50
LTC1100 • TPC03
75
100
125
20
25
–5
VS = ±8V
RL = 50k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com