Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1100CS Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1100CS
Description  Precision, Chopper-Stabilized Instrumentation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1100CS Datasheet(HTML) 5 Page - Linear Technology

  LTC1100CS Datasheet HTML 1Page - Linear Technology LTC1100CS Datasheet HTML 2Page - Linear Technology LTC1100CS Datasheet HTML 3Page - Linear Technology LTC1100CS Datasheet HTML 4Page - Linear Technology LTC1100CS Datasheet HTML 5Page - Linear Technology LTC1100CS Datasheet HTML 6Page - Linear Technology LTC1100CS Datasheet HTML 7Page - Linear Technology LTC1100CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LTC1100
5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Power Supply Rejection Ratio
Common-Mode Range
Supply Current vs Supply Voltage
vs Frequency
vs Supply Voltage
Undistorted Output Swing
CMRR vs Frequency
Output Voltage Swing vs Load
vs Frequency
Bias Current vs
Internal Sampling Frequency
Common-Mode Voltage
Voltage Noise vs Frequency
vs Supply Voltage
LOAD RESISTANCE (k
Ω)
0
0
±1
±2
±3
12
3
4
LTC1100 • TPC08
56
7
±4
±5
89
10
±6
±7
±8
NEGATIVE
POSITIVE
NEGATIVE
POSITIVE
POSITIVE
NEGATIVE
±9
±10
VS = ±8V, TA ≤ 85°C
VS = ±5V, TA ≤ 85°C
VS = ±2.5V, TA ≤ 85°C
FREQUENCY (Hz)
0.1
20
0
60
40
100
80
120
1
10
100
1k
LTC1100 • TPC07
10k
100k
–
+
3
6
1
2
R
C
C
C
LTC1100
G = 100, RC = 100k
CC = 10pF
G = 10, RC = ∞
CC = 0pF
G = 100, RC = ∞
CC = 0pF
FREQUENCY (Hz)
100
0
1
3
4
10
1k
10k
100k
LTC1100 • TPC09
2
5
6
7
8
9
RL = 100k
RL = 2k
VS = ±5V
COMMON-MODE VOLTAGE (V)
300
–180
–120
–60
–5 –4 –3 –2
LTC1100 • TPC10
–1
0
1
0
60
23
4
120
180
240
VS = ±5V
TA = 25°C
TA = 125°C
TA = –55°C
–6
–200
360
2
4
1
2
610
14
LTC1100 • TPC12
4
8
12
16
3
TA = 25°C
TA = –55°C
TA = 125°C
18
0
TOTAL SUPPLY VOLTAGE V+ TO V– (V)
FREQUENCY (Hz)
0.1
25
50
75
100
1
10
100
LTC1100 • TPC05
1k
10k
100k
125
150
0
TOTAL SUPPLY VOLTAGE V+ TO V– (V)
2
0
1
2
610
14
LTC1100 • TPC04
4
8
12
16
3
4
TA = –55°C
TA = 25°C
TA = 125°C
18
SUPPLY VOLTAGE (V)
–8
–6
–4
–2
0
2
8
±2
±4
±6
±8
LTC1100 • TPC06
±3
±5
±7
4
6
POSITIVE
COMMON-MODE
RANGE
NEGATIVE
COMMON-MODE
RANGE
TA = 25°C
FREQUENCY (Hz)
15
30
45
60
105
1k
10k
100k
LTC1100 • TPC11
100
75
90
0
10



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com