Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093CSW Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1093CSW
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093CSW Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1093CSW Datasheet HTML 7Page - Linear Technology LTC1093CSW Datasheet HTML 8Page - Linear Technology LTC1093CSW Datasheet HTML 9Page - Linear Technology LTC1093CSW Datasheet HTML 10Page - Linear Technology LTC1093CSW Datasheet HTML 11Page - Linear Technology LTC1093CSW Datasheet HTML 12Page - Linear Technology LTC1093CSW Datasheet HTML 13Page - Linear Technology LTC1093CSW Datasheet HTML 14Page - Linear Technology LTC1093CSW Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
11
LTC1091/LTC1092
LTC1093/LTC1094
TEST CIRCUITS
Voltage Waveforms for ten
1
LTC1092
CLK
DOUT
ten
B9
0.4V
1091/2/3/4 TC08
CS
CS
B9
DOUT
ten
0.4V
CLK
LTC1093/LTC1094
1091/2/3/4 TC09
START
7
4
56
3
2
1
DIN
S
APPLICATI
I FOR ATIO
The LTC1091/LTC1092/LTC1093/LTC1094 are data
acquisiton components that contain the following func-
tional blocks:
1. 10-Bit Successive Approximation A/D Converter
2. Analog Multiplexer (MUX)
3. Sample-and-Hold (S/H)
4. Synchronous, Half-Duplex Serial Interface
5. Control and Timing Logic
DIGITAL CONSIDERATIONS
1. Serial Interface
The LTC1091/LTC1093/LTC1094 communicate with
microprocessors and other external circuitry via a syn-
chronous, half-duplex, 4-wire serial interface while the
LTC1092 uses a 3-wire interface (see Operating Sequence).
The clock (CLK) synchronizes the data transfer with each
bit being transmitted on the falling CLK edge and captured
on the rising CLK edge in both transmitting and receiving
systems. The LTC1091/LTC1093/LTC1094 first receive
input data and then transmit back the A/D conversion
result (half-duplex). Because of the half-duplex operation,
DIN and DOUT may be tied together allowing transmission
over just three wires: CS, CLK and DATA (DIN/DOUT).
Data transfer is initiated by a falling chip select (CS) signal.
After CS falls, the LTC1091/LTC1093/LTC1094 looks for a
start bit. After the start bit is received, a 3-bit input word
(6 bits for the LTC1093/LTC1094) is shifted into the DIN
input which configures the LTC1091/LTC1093/LTC1094
and starts the conversion. After one null bit, the result of
the conversion is output on the DOUT line. At the end of the
data exchange, CS should be brought high. This resets the
LTC1091/LTC1093/LTC1094 in preparation for the next
data exchange.
The LTC1092 does not require a configuration input word
and has no DIN pin. A falling CS initiates data transfer as
shown in the LTC1092 Operating Sequence. After CS falls,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com