Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093CSW Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1093CSW
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093CSW Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1093CSW Datasheet HTML 18Page - Linear Technology LTC1093CSW Datasheet HTML 19Page - Linear Technology LTC1093CSW Datasheet HTML 20Page - Linear Technology LTC1093CSW Datasheet HTML 21Page - Linear Technology LTC1093CSW Datasheet HTML 22Page - Linear Technology LTC1093CSW Datasheet HTML 23Page - Linear Technology LTC1093CSW Datasheet HTML 24Page - Linear Technology LTC1093CSW Datasheet HTML 25Page - Linear Technology LTC1093CSW Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
Figure 8. “+” and “–” Input Settling Windows
“–” Input Settling
At the end of the sample phase the input capacitor switches
to the “–” input and the conversion starts (see Figure 8).
During the conversion, the “+” input voltage is effectively
“held” by the sample-and-hold and will not affect the
conversion result. However, it is critical that the “–” input
voltage settle completely during the first CLK cycle of the
conversion time and be free of noise. Minimizing RSOURCE–
and C2 will improve settling time. If large “–” input source
resistance must be used, the time allowed for settling can
be extended by using a slower CLK frequency. At the
maximum CLK rate of 500kHz, RSOURCE– < 1kΩ and
C2 < 20pF will provide adequate settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settle within the allowed time
(see Figure 8). Again, the “+” and “–” input sampling times
can be extended as previously described to accommodate
slower op amps. Most op amps, including the LT1006 and
LT1013 single supply op amps, can be made to settle well
even with the minimum settling windows of 3
µs (“+”
input) and 2
µs (“–” input) which occur at the maximum
clock rate of 500kHz. Figures 9 and 10 show examples of
adequate and poor op amp settling.
CLK
DIN
DOUT
“+” INPUT
“–” INPUT
SAMPLE
HOLD
“+” INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tCONV
CS
SGL/DIFF
START
MSBF
B9
1ST BIT TEST “–” INPUT MUST
SETTLE DURING THIS TIME
1091-4 F08
DON‘T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com