Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093CSW Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1093CSW
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093CSW Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1093CSW Datasheet HTML 21Page - Linear Technology LTC1093CSW Datasheet HTML 22Page - Linear Technology LTC1093CSW Datasheet HTML 23Page - Linear Technology LTC1093CSW Datasheet HTML 24Page - Linear Technology LTC1093CSW Datasheet HTML 25Page - Linear Technology LTC1093CSW Datasheet HTML 26Page - Linear Technology LTC1093CSW Datasheet HTML 27Page - Linear Technology LTC1093CSW Datasheet HTML 28Page - Linear Technology LTC1093CSW Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
0.5mV/DIV
1
µs/DIV
1091-4 F14
Figure 14. Poor Reference Settling Can Cause A/D Errors
6. Reduced Reference Operation
The minimum reference voltage of the LTC1091 is limited
to 4.5V because the VCC supply and reference are internally
tied together. However, the LTC1092/LTC1093/LTC1094
can operate with reference voltages below 1V.
The effective resolution of the LTC1092/LTC1093/LTC1094
can be increased by reducing the input span of the con-
verter. The parts exhibit good linearity and gain over a wide
range of reference voltages (see typical curves of Linearity
and Full-Scale Error vs Reference Voltage). However, care
must be taken when operating at low values of VREF
because of the reduced LSB step size and the resulting
higher accuracy requirement placed on the converter. The
following factors must be considered when operating at
low VREF values:
1. Offset
2. Noise
3. Conversion speed (CLK frequency)
Offset with Reduced VREF
The offset of the LTC1092/LTC1093/LTC1094 has a larger
effect on the output code when the A/D is operated with
reduced reference voltage. The offset (which is typically a
fixed voltage) becomes a larger fraction of an LSB as the
size of the LSB is reduced. The typical curve of Unadjusted
Offset Error vs Reference Voltage shows how offset in
LSBs is related to reference voltage for a typical value of
VOS. For example, a VOS of 0.5mV which is 0.1LSB with a
5V reference becomes 0.5LSB with a 1V reference and
2.5LSBs with a 0.2V reference. If this offset is unaccept-
able, it can be corrected digitally by the receiving system
or by offsetting the “–” input to the LTC1092/LTC1093/
LTC1094.
Noise with Reduced VREF
The total input-referred noise of the LTC1092/LTC1093/
LTC1094 can be reduced to approximately 200
µVpeak-to-
peak using a ground plane, good bypassing, good layout
techniques and minimizing noise on the reference inputs.
This noise is insignificant with a 5V reference but will
become a larger fraction of an LSB as the size of the LSB
is reduced. The typical curve of Noise Error vs Reference
Voltage shows the LSB contribution of this 200
µV of
noise.
For operation with a 5V reference, the 200
µV noise is only
0.04LSB peak-to-peak. In this case, the LTC1092/LTC1093/
LTC1094 noise will contribute virtually no uncertainty to
the output code. However, for reduced references, the
noise may become a significant fraction of an LSB and
cause undesirable jitter in the output code. For example,
with a 1V reference, this same 200
µV noise is 0.2LSB
peak-to-peak. This will reduce the range of input voltages
over which a stable output code can be achieved by
0.2LSB. If the reference is further reduced to 200mV, the
200
µV noise becomes equal to one LSB and a stable code
may be difficult to achieve. In this case averaging readings
may be necessary.
This noise data was taken in a very clean setup. Any setup-
induced noise (noise or ripple on VCC, VREF, VIN or V–) will
add to the internal noise. The lower the reference voltage
to be used, the more critical it becomes to have a clean,
noise-free setup.
Conversion Speed with Reduced VREF
With reduced reference voltages, the LSB step size is
reduced and the LTC1092/LTC1093/LTC1094 internal
comparator overdrive is reduced. Therefore, it may be
necessary to reduce the maximum CLK frequency when
low values of VREF are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com