Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093CSW Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1093CSW
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093CSW Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1093CSW Datasheet HTML 17Page - Linear Technology LTC1093CSW Datasheet HTML 18Page - Linear Technology LTC1093CSW Datasheet HTML 19Page - Linear Technology LTC1093CSW Datasheet HTML 20Page - Linear Technology LTC1093CSW Datasheet HTML 21Page - Linear Technology LTC1093CSW Datasheet HTML 22Page - Linear Technology LTC1093CSW Datasheet HTML 23Page - Linear Technology LTC1093CSW Datasheet HTML 24Page - Linear Technology LTC1093CSW Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
LTC1091/LTC1092
LTC1093/LTC1094
S
APPLICATI
I FOR ATIO
3. Analog Inputs
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1091/
LTC1092/LTC1093/LTC1094 have capacitive switching
input current spikes. These current spikes settle quickly
and do not cause a problem. However, if large source
resistances are used or if slow settling op amps drive the
inputs, care must be taken to ensure that the transients
caused by the current spikes settle completely before the
conversion begins.
Source Resistance
The analog inputs of the LTC1091/LTC1092/LTC1093/
LTC1094 look like a 60pF capacitor (CIN) in series with a
500
Ω resistor (RON) as shown in Figure 7. CIN gets
switched between the selected “+” and “–” inputs once
during each conversion cycle. Large external source resis-
tors and capacitances will slow the settling of the inputs. It
is important that the overall RC time constants be short
enough to allow the analog inputs to completely settle
within the allowed time.
“+” Input Settling
This input capacitor is switched onto the “+” input during
the sample phase (tSMPL, see Figure 8). The sample phase
is the 1 1/2 CLK cycles before the conversion starts. The
voltage on the “+” input must settle completely within this
sample time. Minimizing RSOURCE+ and C1 will improve
the input settling time. If large “+” input source resistance
must be used, the sample time can be increased by using
a slower CLK frequency. With the minimum possible
sample time of 3
µs, RSOURCE+ < 2k and C1 < 20pF will
provide adequate settling.
Figure 5. Poor VCC Bypassing.
Noise and Ripple Can Cause A/D Errors
10
µs/DIV
1091-4 F05
0.5mV/DIV
Figure 6. Good VCC Bypassing Keeps
Noise and Ripple on VCC Below 1mV
0.5mV/DIV
10
µs/DIV
1091-4 F06
3RD CLK
↑
RON = 500Ω
4TH CLK
↓
CIN =
60pF
LTC1091
“+”
INPUT
RSOURCE+
VIN+
C1
“–”
INPUT
RSOURCE–
VIN–
C2
LTC091-4 F07
Figure 7. Analog Input Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com