Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1093CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1093CSW
Description  1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1093CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1093CSW Datasheet HTML 3Page - Linear Technology LTC1093CSW Datasheet HTML 4Page - Linear Technology LTC1093CSW Datasheet HTML 5Page - Linear Technology LTC1093CSW Datasheet HTML 6Page - Linear Technology LTC1093CSW Datasheet HTML 7Page - Linear Technology LTC1093CSW Datasheet HTML 8Page - Linear Technology LTC1093CSW Datasheet HTML 9Page - Linear Technology LTC1093CSW Datasheet HTML 10Page - Linear Technology LTC1093CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1091/LTC1092
LTC1093/LTC1094
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LTC1092/LTC1093/LTC1094
Unadjusted Offset Error vs
Reference Voltage
LTC1092/LTC1093/LTC1094
Linearity Error vs
Reference Voltage
REFERENCE VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1092/2/3/4 G20
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE (V)
0
1.25
1.00
0.75
0.50
0.25
0
4
1092/2/3/4 G21
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE (V)
0.1
0.2
1
5
10
1091/2/3/4 G19
10
9
8
7
6
5
4
3
2
1
0
VCC = 5V
VOS = 1mV
VOS = 0.5mV
LTC1092/LTC1093/LTC1094
Change in Full-Scale Error vs
Reference Voltage
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.50
0.25
0
5
67
8
1091/2/3/4 G23
910
VREF = 4V
fCLK = 500kHz
VOS = 1.25mV AT VCC = 5V
REFERENCE VOLTAGE (V)
0.1
0.2
1
5
10
1091/2/3/4 G22
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
0
NOISE = 200
µVP-P
SUPPLY VOLTAGE (V)
4
1.25
1.00
0.75
0.50
0.25
0
5
67
8
1091/2/3/4 G24
910
VREF = 4V
fCLK = 500kHz
LTC1092/LTC1093/LTC1094
Linearity Error vs Supply Voltage
LTC1092/LTC1093/LTC1094
Offset Error vs Supply Voltage
LTC1092/LTC1093/LTC1094
Noise Error vs Reference Voltage
LTC1092/LTC1093/LTC1094
Change in Full-Scale Error vs
Supply Voltage
SUPPLY VOLTAGE (V)
4
0.50
0.25
0
– 0.25
–0.50
–0.75
5
67
8
1091/2/3/4 G25
910
VREF = 4V
fCLK = 500kHz
SUPPLY VOLTAGE (V)
4
5
67
8
1091/2/3/4 G26
910
6
5
4
3
2
1
0
VREF OPEN
fCLK = 500kHz
CS = VCC
TA = 25°C
AMBIENT TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
50
1091/2/3/4 G27
–25
0
25
75
125
100
VREF OPEN
fCLK = 500kHz
CS = 5V
VCC = 5V
LTC1092/LTC1093/LTC1094
Supply Current vs Supply Voltage
LTC1092/LTC1093/LTC1094
Supply Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com