Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1149CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1149CS Datasheet HTML 5Page - Linear Technology LTC1149CS Datasheet HTML 6Page - Linear Technology LTC1149CS Datasheet HTML 7Page - Linear Technology LTC1149CS Datasheet HTML 8Page - Linear Technology LTC1149CS Datasheet HTML 9Page - Linear Technology LTC1149CS Datasheet HTML 10Page - Linear Technology LTC1149CS Datasheet HTML 11Page - Linear Technology LTC1149CS Datasheet HTML 12Page - Linear Technology LTC1149CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1149
LTC1149-3.3/LTC1149-5
APPLICATIO S I FOR ATIO
Inductor Core Selection
Once the minimum value for L is known, the type of
inductor must be selected. High efficiency converters
generally cannot afford the core loss found in low cost
powdered iron cores, forcing the use of more expensive
ferrite, molypermalloy, or Kool M
µ® cores. Actual core
loss is independent of core size for a fixed inductor value,
but it is very dependent on inductance selected. As induc-
tance increases, core losses go down. Unfortunately,
increased inductance requires more turns of wire and
therefore copper losses increase.
Ferrite designs have very low core loss, so design goals
can concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design cur-
rent is exceeded. This results in an abrupt increase in
inductor ripple current and consequent output voltage
ripple which can cause Burst Mode operation to be falsely
triggered in the LTC1149 series. Do not allow the core to
saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire.
Because they generally lack a bobbin, mounting is more
difficult. However, new surface mount designs available
from Coiltronics do not increase the height significantly.
P-Channel MOSFET Selection
Two external power MOSFETs must be selected for use
with the LTC1149 series: a P-channel MOSFET for the
main switch, and an N-channel MOSFET for the synchro-
nous switch.
The minimum input voltage determines whether standard
threshold or logic-level threshold MOSFETs must be used.
For VIN > 8V, standard threshold MOSFETs (VGS(TH) < 4V)
may be used. If VIN is expected to drop below 8V, logic-
level threshold MOSFETs (VGS(TH) < 2.5V) are strongly
recommended. When logic-level MOSFETs are used, the
absolute maximum VGS rating for the MOSFETs must be
greater than the LTC1149 series internal regulator
voltage VCC.
Selection criteria for the P-channel MOSFET include the
on-resistance RDS(ON), reverse transfer capacitance CRSS,
input voltage and maximum output current. When the
LTC1149 is operating in continuous mode, the duty cycle
for the P-channel MOSFET is given by:
P-Ch Duty Cycle =
VOUT
VIN
The P-channel MOSFET dissipation at maximum output
current is given by:
P-Ch PD =
VOUT
VIN
+ K(VIN)
2(IMAX)(CRSS)(f)
(IMAX)
2(1 +
∂P) RDS(ON)
where
∂ is the temperature dependency of RDS(ON) and K
is a constant related to the gate drive current. Note the two
distinct terms in the equation. The first gives the I2R
losses, which are highest at low input voltages, while the
second gives the transition losses, which are highest at
high input voltages. For VIN < 24V, the high current
efficiency generally improves with larger MOSFETs
(although gate charge losses begin eating into the gains.
See Efficiency Considerations). For VIN > 24V, the transi-
tion losses rapidly increase to the point that the use of a
higher RDS(ON) device with lower CRSS actually provides
higher efficiency. This is illustrated in the Design Example
section.
The term (1 +
∂) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, but
∂ = 0.007/°C can be used as an approximation for low
voltage MOSFETs. CRSS is usually specified in the MOSFET
electrical characteristics. The constant K is much harder to
pin down, but K = 5 can be used for the LTC1149 series to
estimate the relative contributions of the two terms in the
P-channel dissipation equation.
N-Channel MOSFET and D1 Selection
The same input voltage constraints apply to the N-channel
MOSFET as to the P-channel with regard to when logic-
level devices are required. However, the dissipation calcu-
lation is quite different. The duty cycle and dissipation for
Kool M
µ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com