Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1149CS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 2 Page - Linear Technology

  LTC1149CS Datasheet HTML 1Page - Linear Technology LTC1149CS Datasheet HTML 2Page - Linear Technology LTC1149CS Datasheet HTML 3Page - Linear Technology LTC1149CS Datasheet HTML 4Page - Linear Technology LTC1149CS Datasheet HTML 5Page - Linear Technology LTC1149CS Datasheet HTML 6Page - Linear Technology LTC1149CS Datasheet HTML 7Page - Linear Technology LTC1149CS Datasheet HTML 8Page - Linear Technology LTC1149CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1149
LTC1149-3.3/LTC1149-5
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
Input Supply Voltage (Pin 2)...................... – 15V to 60V
VCC Output Current (Pin 3) .................................. 50mA
VCC Input Voltage (Pin 5)........................................ 16V
Continuous Output Current (Pins 4, 13) .............. 50mA
Sense Voltages (Pins 8, 9)
VIN ≥ 12.7V .......................................... 13V to –0.3V
VIN < 12.7V............................. (VCC + 0.3V) to –0.3V
Shutdown Voltages (Pins 10, 15) ............................. 7V
Operating Temperature Range .................... 0
°C to 70°C
Extended Commercial
Temperature Range ............................... – 40
°C to 85°C
Junction Temperature (Note 1) ............................ 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ELECTRICAL C
C
HARA TERISTICS T
A = 25°C, VIN = 12V, V10 = 0V (Note 2), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V10
Feedback Voltage (LTC1149 Only)
VIN = 9V
q
1.21
1.25
1.29
V
I10
Feedback Current (LTC1149 Only)
q
0.2
1
µA
VOUT
Regulated Output Voltage
VIN = 9V
LTC1149-3.3
ILOAD = 700mA
q
3.23
3.33
3.43
V
LTC1149-5
ILOAD = 700mA
q
4.9
5.05
5.2
V
∆VOUT
Output Voltage Line Regulation
VIN = 9V to 48V, ILOAD = 50mA
– 40
0
40
mV
Output Voltage Load Regulation
LTC1149-3.3
5mA < ILOAD < 2A
q
40
65
mV
LTC1149-5
5mA < ILOAD < 2A
q
60
100
mV
Burst Mode Output Ripple
ILOAD = 0A
50
mVP-P
I2
Input DC Supply Current (Note 3)
Normal Mode
VIN = 12V
2.0
2.8
mA
VIN = 48V
2.2
3.0
mA
Burst Mode
VIN = 12V
0.6
0.9
mA
VIN = 48V
0.8
1.1
mA
Shutdown
VIN = 12V, V15 = 2V
135
170
µA
VIN = 48V, V15 = 2V
300
390
µA
VCC
Internal Regulator Voltage
VIN = 12V to 48V
q
9.75
10.25
11
V
(Sets MOSFET Gate Drive Levels)
I3 = 20mA
V2 – V3
VCC Dropout Voltage
VIN = 5V, I3 = 10mA
200
250
mV
VIN – V1
P-Gate to Source Voltage (Off)
VIN = 12V
q
– 0.2
0
V
VIN = 48V
q
– 0.2
0
V
LTC1149CN
LTC1149CN-3.3
LTC1149CN-5
LTC1149CS
LTC1149CS-3.3
LTC1149CS-5
ORDER PART
NUMBER
Consult factory for Industrial and Military grade parts.
1
2
3
4
5
6
7
8
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
N PACKAGE
16-LEAD PDIP
16
15
14
13
12
11
10
9
PGATE
VIN
VCC
PDRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
RGND
NGATE
PGND
SGND
SENSE+
*FIXED OUTPUT VERSIONS
VFB /
SHDN1*
TJMAX = 125°C, θJA = 70°C/ W (N)
TJMAX = 125°C, θJA = 110°C/ W (S)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com