Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1149CS Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1149CS Datasheet HTML 12Page - Linear Technology LTC1149CS Datasheet HTML 13Page - Linear Technology LTC1149CS Datasheet HTML 14Page - Linear Technology LTC1149CS Datasheet HTML 15Page - Linear Technology LTC1149CS Datasheet HTML 16Page - Linear Technology LTC1149CS Datasheet HTML 17Page - Linear Technology LTC1149CS Datasheet HTML 18Page - Linear Technology LTC1149CS Datasheet HTML 19Page - Linear Technology LTC1149CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1149
LTC1149-3.3/LTC1149-5
TYPICAL APPLICATIO S
Figure 14. High Efficiency 48V Input 5V/2.5A Output Regulator
PGATE
VIN
VCC
PDRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
RGND
NGATE
PGND
SGND
SHDN1
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1149-5
0.068
µF
0.047
µF
1N4148
1N4148
3300pF
1k
620pF
3.3
µF
1000pF
IRFZ34
MBR380
100
µF
100V
L*
68
µH
RSENSE**
0.04
Ω
220
µF
10V
OS-CON
1149 F14
VOUT
5V/2.5A
*HURRICANE LAB HL-KI168M
**IRC LR2512-01-R040-G
MTD2955
SHUTDOWN
VIN
48V
0.1
µF
100
Ω
100
Ω
+
+
+
Figure 15. Logic Selectable 5V/2A or 3.3V/2A High Efficiency Regulator
PGATE
VIN
VCC
PDRIVE
VCC
CT
ITH
SENSE–
CAP
SHDN2
RGND
NGATE
PGND
SGND
VFB
SENSE+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1149
0.068
µF
0.047
µF
1N4148
1N4148
3300pF
1k
390pF
1
µF
1000pF
RFD14N05SM
1N5818
100
µF
35V
VIN
8V TO 20V
L*
50
µH
RSENSE**
0.05
Ω
220
µF
10V
× 2
AVX
1149 F15
VOUT
3.3V/2A
OR 5V/2A
*COILTRONICS CTX50-2-MP
**IRC LR2010-01-R050-G
RFD15P05SM
SHUTDOWN
100pF
R1A
33k
1%
R2
56k
1%
VN2222LL
0V: VOUT = 3.3V
5V: VOUT = 5V
R1B
43k
1%
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com