Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1149CS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1149CS Datasheet HTML 9Page - Linear Technology LTC1149CS Datasheet HTML 10Page - Linear Technology LTC1149CS Datasheet HTML 11Page - Linear Technology LTC1149CS Datasheet HTML 12Page - Linear Technology LTC1149CS Datasheet HTML 13Page - Linear Technology LTC1149CS Datasheet HTML 14Page - Linear Technology LTC1149CS Datasheet HTML 15Page - Linear Technology LTC1149CS Datasheet HTML 16Page - Linear Technology LTC1149CS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1149
LTC1149-3.3/LTC1149-5
LTC1149 Package Dissipation
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC1149 series
to be exceeded. The LTC1149 supply current is dominated
by the gate charge supply current, which is given as a
function of operating frequency in the Typical Perfor-
mance Characteristics. The LTC1149 series junction tem-
perature can be estimated by using the equations given in
Note 1 of the Electrical Characteristics. For example, the
LT1149CS is limited to less than 11mA from a 48V supply:
TJ = 70°C + (11mA)(48V)(110°C/W)
= 128
°C exceeds absolute maximum
To prevent the maximum junction temperature from being
exceeded, the Pin 2 supply current must be checked in
continuous mode when operating at the maximum VIN.
Design Example
As a design example, assume VIN = 24V, VOUT = 5V,
IMAX = 2.5A and f = 100kHz. RSENSE, CT and L can
immediately be calculated:
RSENSE =
)
)
100mV
2.5
= 0.039
Ω
CT =
(7.8)(10–5)
100kHz
1 –
5V
24V
= 620pF
LMIN = (5.1)(105)(0.039Ω)(620pF)(5V) = 62µH
Selection of the P-channel MOSFET involves doing calcu-
lations for different sized MOSFETs to determine the
relative loss contributions. Taking an International Recti-
fier IRF9Z34 for example, RDS(ON) = 0.14Ω Max,
QP = 35nC and CRSS = 200pF (VDS = VIN/2). These values
can be used to estimate the I2R losses, transition losses
and gate charge supply current losses:
Est. I2R Loss (TJ = 100°C) =
(5V/24V)(2.5)2(1 + 0.5)0.14
Ω = 270mW
Est. Transition Loss =
5(24V)2 (2.5A)(200pF)(100kHz) = 145mW
Est. Gate Charge Loss =
(100kHz)(35nC)(24V) = 85mW
APPLICATIO S I FOR ATIO
The same calculations were repeated for a smaller device,
the Motorola MTD2955 (RDS(ON) = 0.3Ω) and a larger one,
the Harris RFP30P05 (RDS(ON) = 0.065Ω). The results are
summarized in the table.
CONDITIONS
VIN = 24V, VOUT = 5V
F = 100kHz, IOUT = 2.5A
MTD2955
IRF9Z34
RFP30P05
Est. I2R Loss (100
°C)
550mW
270mW
120mW
Est. Transition Loss
110mW
145mW
290mW
Est. Gate Charge Loss
60mW
85mW
240mW
Est. Total Loss
720mW
500mW
650mW
P-CHANNEL MOSFET
For this set of conditions, the midsized P-channel MOSFET
actually produces the lowest total losses at IMAX. The
resulting efficiency differences will be even more pro-
nounced at lower output currents. Note that only the I2R
and transition losses are dissipated in the MOSFET; the
gate charge supply current loss is dissipated by the
LTC1149 series.
Selection of the N-channel MOSFET is somewhat easier; it
need only be sized for the anticipated I2R losses at 100%
duty cycle (worst-case assumption for short circuit.) The
Siliconix Si9410, for example, has RDS(ON) = 0.03Ω Max
and QN = 30nC. This will produce an I2R loss of 250mW at
100
°C and a gate charge supply current loss of 75mW. As
with the P-channel device, the use of a larger MOSFET may
actually result in lower midcurrent efficiency.
CIN will require an RMS current rating of at least 1.25A at
temperature, and COUT will require an ESR of 0.04Ω for
optimum efficiency. The output capacitor ESR require-
ment can be fulfilled by a single OS-CON or by two or more
surface mount tantalums in parallel.
Auxiliary Windings – Suppressing Burst Mode
Operation
The LTC1149 synchronous switch removes the normal
limitation that power must be drawn from the inductor
primary winding in order to extract power from auxiliary
windings. With synchronous switching, auxiliary outputs
may be loaded without regard to the primary output load,
providing that the loop remains in continuous mode
operation.
Burst Mode operation can be suppressed at low output
currents with a simple external network which cancels the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com