Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1149CS Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1149CS
Description  High Efficiency Synchronous Step-Down Switching Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1149CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1149CS Datasheet HTML 10Page - Linear Technology LTC1149CS Datasheet HTML 11Page - Linear Technology LTC1149CS Datasheet HTML 12Page - Linear Technology LTC1149CS Datasheet HTML 13Page - Linear Technology LTC1149CS Datasheet HTML 14Page - Linear Technology LTC1149CS Datasheet HTML 15Page - Linear Technology LTC1149CS Datasheet HTML 16Page - Linear Technology LTC1149CS Datasheet HTML 17Page - Linear Technology LTC1149CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1149
LTC1149-3.3/LTC1149-5
circuitry. Turning on the N-channel MOSFET when this
fault is detected will then force the system fuse to blow.
The N-channel MOSFET needs to be sized so it will safely
handle this overcurrent condition. The typical delay from
pulling the CT Pin 6 high to when the NGATE Pin 13 goes
high is 250ns.
Under shutdown conditions, the N-channel
is held off and pulling Pin 6 high will not cause the output
to be crowbarred.
A small N-channel FET can be used as an interface between
the overvoltage detect circuitry and the LTC1149 as shown
in Figure 7.
APPLICATIO S I FOR ATIO
Figure 7. Output Crowbar Interface
Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1149 series. These items are also illustrated graphi-
cally in the layout diagram of Figure 8. Check the following
in your layout:
1. Are the signal and power grounds segregated? The
LTC1149 signal ground Pin 11 must connect separately
to the (–) plate of COUT. The other ground Pins 12 and
14 should return to the source of the N-channel MOSFET,
anode of the Schottky diode and (–) plate of CIN, which
should have as short lead lengths as possible.
2. Does the LTC1149 SENSE– Pin 8 connect to a point
close to RSENSE and the (+) plate of COUT? In adjustable
applications, the resistive divider R1, R2 must be
connected between the (+) plate of COUT and signal
ground.
3. Are the SENSE– and SENSE+ leads routed together with
minimum PC trace spacing? The differential decou-
pling capacitor between Pins 8 and 9 should be as close
as possible to the LTC1149. Up to 100
Ω may be placed
Figure 6. Suppressing Burst Mode Operation
25mV minimum current comparator threshold. This tech-
nique is also useful for eliminating audible noise from
certain types of inductors in high current (IOUT > 5A)
applications when they are lightly loaded.
An external offset is put in series with the SENSE– pin to
subtract from the built-in 25mV offset. An example of this
technique is shown in Figure 6. Two 100
Ω resistors are
inserted in series with the leads from the sense resistor.
With the addition of R3, a current is generated through R1
causing an offset of:
VOFFSET = VOUT
)
) R1
R1 + R3
If VOFFSET > 25mV, the minimum threshold will be cancelled
and Burst Mode operation is prevented from occurring.
Since VOFFSET is constant, the maximum load current is
also decreased by the same offset. Thus, to get back to the
same IMAX, the value of the sense resistor must be lower:
RSENSE ≈
75mV
IMAX
To prevent noise spikes from erroneously tripping the
current comparator, a 1000pF capacitor is needed across
Pins 8 and 9.
Output Crowbar
An added feature to using an N-channel MOSFET as the
synchronous switch is the ability to crowbar the output
with the same MOSFET. Pulling the timing capacitor Pin 6
above 1.5V when the output voltage is greater than the
desired regulated value, will turn on the N-channel MOSFET.
A fault condition which causes the output voltage to go
above a maximum value can be detected by external
LTC1149
SENSE+
SENSE –
9
8
1000pF
R1
100
Ω
R2
100
Ω
L
RSENSE
COUT
R3
1149 F06
+
LTC1149
5
6
VN2222LL
CROWBAR
ACTIVE WHEN CROWBAR = VIN
OFF WHEN CROWBAR = GROUND
1149 F07
VCC
CT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com