Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1277CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1277CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1277CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1277CS Datasheet HTML 5Page - Linear Technology LTC1277CS Datasheet HTML 6Page - Linear Technology LTC1277CS Datasheet HTML 7Page - Linear Technology LTC1277CS Datasheet HTML 8Page - Linear Technology LTC1277CS Datasheet HTML 9Page - Linear Technology LTC1277CS Datasheet HTML 10Page - Linear Technology LTC1277CS Datasheet HTML 11Page - Linear Technology LTC1277CS Datasheet HTML 12Page - Linear Technology LTC1277CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1274/LTC1277
BLOCK DIAGRA S
LTC1274
12-BIT CAPACITIVE DAC
COMPARATOR
CSAMPLE
•
•
•
D11
D0
BUSY
CONTROL LOGIC
CS
CONVST
RD
INTERNAL
CLOCK
SLEEP
ZEROING SWITCHES
VSS
(0V FOR UNIPOLAR MODE OR
–5V FOR BIPOLAR MODE)
VDD
AIN
VREF
REFRDY
AGND
DGND
12
LTC1274 • BD
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
2.42V REF
LTC1277
12-BIT CAPACITIVE DAC
COMPARATOR
CSAMPLE
•
•
•
•
•
D7
D1/9
D0/8
BUSY
VLOGIC
3V OR 5V
CONTROL LOGIC
CS
CONVST RD
INTERNAL
CLOCK
SLEEP
HBEN
NAP
ZEROING SWITCHES
VSS
(0V FOR UNIPOLAR MODE OR
–5V FOR BIPOLAR MODE)
VDD
AIN
–
AIN
+
VREF
REFRDY
AGND
DGND
12
LTC1277 • BD
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
2.42V REF
TEST CIRCUITS
Load Circuits for Output Float Delay
Load Circuits for Access Timing
3k
CL
DBN
DGND
A) HIGH-Z TO VOH (t9)
AND VOL TO VOH (t6)
CL
DBN
3k
5V
B) HIGH-Z TO VOL (t9)
AND VOH TO VOL (t6)
DGND
1274/77 • TC01
3k
10pF
DBN
DGND
A) VOH TO HIGH-Z
10pF
DBN
3k
5V
B) VOL TO HIGH-Z
DGND
1274/77 • TC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com