Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1277CS Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1277CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1277CS Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1277CS Datasheet HTML 12Page - Linear Technology LTC1277CS Datasheet HTML 13Page - Linear Technology LTC1277CS Datasheet HTML 14Page - Linear Technology LTC1277CS Datasheet HTML 15Page - Linear Technology LTC1277CS Datasheet HTML 16Page - Linear Technology LTC1277CS Datasheet HTML 17Page - Linear Technology LTC1277CS Datasheet HTML 18Page - Linear Technology LTC1277CS Datasheet HTML 19Page - Linear Technology LTC1277CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LTC1274/LTC1277
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
S
APPLICATI
I FOR ATIO
The LTC1277 has an additional Nap mode. When NAP
(Pin 7) is tied low, all the power is off except the internal
reference which is still active and provides 2.42V output
voltage to the other circuitry. In this mode the ADC draws
0.9mW instead of 10mW (for minimum power, the logic
inputs must be within 600mV from the supply rails). The
wake-up time from the power shutdown to active state is
620ns. The typical performance graph on the front page of
this data sheet shows that the power will be reduced
greatly by using the Sleep and Nap modes.
Power Shutdown
The LTC1274/LTC1277 provide shutdown features that
will save power when the ADC is in inactive periods. Both
ADCs have a Sleep mode. To power down the ADCs,
SLEEP (Pin 18 in LTC1274 or Pin 6 in LTC1277) needs to
be driver low. When in Sleep mode, the LTC1274/LTC1277
will not start a conversion even though the CONVST goes
low. The parts draw 1
µA. After release from the Sleep
mode, the ADCs need 3ms (4.7
µF bypass capacitor on
VREF pin) to wake up and a REFRDY signal will go to high
to indicate the ADC is ready to do conversions.
RD = CONVST
BUSY
LTC1274/77 • F16
t15
t18
CS = 0
HBEN (LTC1277)
DATA N
DB11 TO DB0
DATA N
DB7 TO DB0
DATA (N – 1)
DB7 TO DB0
DATA (N – 1)
DB11 TO DB0
DATA N
DB11 TO DB8
LTC1274 DATA
LTC1277 DATA
t5
t9
t6
t10
t7
(SAMPLE N)
DATA (N + 1)
DB7 TO DB0
DATA N
DB11 TO DB0
DATA (N + 1)
DB11 TO DB8
(SAMPLE N + 1)
DATA (N + 1)
DB11 TO DB0
DATA N
DB11 TO DB0
tCONV
Figure 16. Slow Memory Mode
RD = CONVST
BUSY
LTC1274/77 • F17
t15
CS = 0
HBEN (LTC1277)
DATA (N – 1)
DB11 TO DB0
DATA (N – 1)
DB7 TO DB0
DATA (N – 1)
DB11 TO DB8
LTC1274 DATA
LTC1277 DATA
t5
t18
t9
t10
t7
(SAMPLE N)
DATA N
DB7 TO DB0
DATA N
DB11 TO DB8
(SAMPLE N + 1)
DATA N
DB11 TO DB0
tCONV
Figure 17. ROM Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com