Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1277CS Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1277CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1277CS Datasheet(HTML) 1 Page - Linear Technology

  LTC1277CS Datasheet HTML 1Page - Linear Technology LTC1277CS Datasheet HTML 2Page - Linear Technology LTC1277CS Datasheet HTML 3Page - Linear Technology LTC1277CS Datasheet HTML 4Page - Linear Technology LTC1277CS Datasheet HTML 5Page - Linear Technology LTC1277CS Datasheet HTML 6Page - Linear Technology LTC1277CS Datasheet HTML 7Page - Linear Technology LTC1277CS Datasheet HTML 8Page - Linear Technology LTC1277CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1274/LTC1277
12-Bit, 10mW, 100ksps
ADCs with 1
µA Shutdown
APPLICATI
TYPICAL
S
FEATURE
DESCRIPTIO
The LTC
®1274/LTC1277 are 8
µs sampling 12-bit A/D
converters which draw only 2mA (typ) from single 5V or
±5V supplies. These easy-to-use devices come complete
with a 2
µs sample-and-hold, a precision reference and an
internally trimmed clock. Unipolar and bipolar conversion
modes add to the flexibility of the ADCs.
Two power-down modes are available in the LTC1277. In
Nap mode, the LTC1277 draws only 180
µA and the instant
wake-up from Nap mode allows the LTC1277 to be pow-
ered down even during brief inactive periods. In Sleep
mode only 1
µA will be drawn. A REFRDY signal is used to
show the ADC is ready to sample after waking up from
Sleep mode. The LTC1274 also provides the Sleep mode
and REFRDY signal.
The A/D converters convert 0V to 4.096V unipolar inputs
from a single 5V supply or
±2.048V bipolar inputs from
±5V supplies.
The LTC1274 has a single-ended input and a 12-bit
parallel data format. The LTC1277 offers a differential
input and a 2-byte read format. The bipolar mode is
formatted as 2’s complement for the LTC1274 and offset
binary for the LTC1277.
s
Low Power Dissipation: 10mW
s
Sample Rate: 100ksps
s
Samples Inputs Beyond Nyquist, 72dB S/(N + D)
and 82dB THD at fIN = 100kHz
s
Single Supply 5V or
±5V Operation
s
Power Shutdown to 1
µA in Sleep Mode
s
180
µA Nap Mode (LTC1277) with Instant Wake-Up
s
Internal Reference Can Be Overdriven
s
Internal Synchronized Clock
s
0V to 4.096V or
±2.048V Input Ranges (1mV/LSB)
s
24-Lead SO Package
, LTC and LT are registered trademarks of Linear Technology Corporation.
Supply Current vs Sample Rate with
Sleep and Nap Modes
SAMPLE RATE (Hz)
10000
1000
100
10
1
0.1
1k
100k
LTC1274/77 • TA02
10
1
10k
100
WITHOUT SLEEP OR NAP
NAP = 5V
(SLEEP MODE)
NAP = REFRDY
(SLEEP MODE)
NAP MODE
CREF = 4.7µF
S
APPLICATI
s
Battery-Powered Portable Systems
s
High Speed Data Acquisition for PCs
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
Audio and Telecom Processing
s
Spectrum Analysis
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
AIN
+
AIN
–
VREF
AGND
REFRDY
SLEEP
NAP
D7
D6
D5
D4
DGND
VDD
VSS
BUSY
CS
RD
CONVST
HBEN
VLOGIC
D0/8
D1/9
D2/10
D3/11
LTC1277
0.1
µF
+
10
µF
ANALOG
DIFFERENTIAL INPUTS
(0V TO 4.096V)
2.42V
VREF OUTPUT
10
µF
0.1
µF
5V
8-BIT
PARALLEL
BUS
µP
CONTROL
LINES
OPTIONAL 3V SUPPLY
TO INTERFACE WITH 3V
PROCESSOR
LTC1274/77 • TA01
+
Single 5V Supply, 10mW, 100kHz, 12-Bit ADC


Similar Part No. - LTC1277CS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1277CSW LINEAR-LTC1277CSW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results

Similar Description - LTC1277CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12_09 Datasheet
280Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Linear Technology
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403A LINER-LTC1403A_15 Datasheet
240Kb / 20P
Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1274 LINER-LTC1274_15 Datasheet
240Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
LTC1277 LINER-LTC1277_15 Datasheet
240Kb / 20P
12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com