Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1277CS Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1277CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1277CS Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1277CS Datasheet HTML 3Page - Linear Technology LTC1277CS Datasheet HTML 4Page - Linear Technology LTC1277CS Datasheet HTML 5Page - Linear Technology LTC1277CS Datasheet HTML 6Page - Linear Technology LTC1277CS Datasheet HTML 7Page - Linear Technology LTC1277CS Datasheet HTML 8Page - Linear Technology LTC1277CS Datasheet HTML 9Page - Linear Technology LTC1277CS Datasheet HTML 10Page - Linear Technology LTC1277CS Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC1274/LTC1277
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage vs
Load Current
LOAD CURRENT (mA)
–6
2.435
2.430
2.425
2.420
2.415
2.410
2.405
–3
–1
LT1274/77 • TPC13
–5
–4
–2
0
1
Supply Current vs Temperature
TEMPERATURE (
°C)
–55
3.0
2.5
2.0
1.5
1.0
0.5
0
25
75
LT1274/77 • TPC11
–25
0
50
100
125
fSAMPLE = 100kHz
Power Supply Feedthrough vs
Ripple Frequency
RIPPLE FREQUENCY (kHz)
1
10
100
1000
LTC1274/77 • TPC12
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
fSAMPLE = 100kHz
AVDD (VRIPPLE = 1mV)
VSS (VRIPPLE = 10mV)
DGND (VRIPPLE = 0.1V)
Supply Current vs Sample Rate
With Sleep and Nap Modes
SAMPLE RATE (Hz)
10000
1000
100
10
1
0.1
1k
100k
LTC1274/77 • TPC15
10
1
10k
100
WITHOUT SLEEP OR NAP
NAP = 5V
(SLEEP MODE)
NAP = REFRDY
(SLEEP MODE)
NAP MODE
CREF = 4.7µF
Wake-Up Time vs
CREF (Sleep Mode)
Supply Current vs
Supply Voltage
CREF (µF)
0
10
9
8
7
6
5
4
3
2
1
0
40
LTC1274/77 • TPC16
10
5
1525
3545
20
30
50
TA = 25°C
SUPPLY VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
1
23
4
LTC1274/77 • TPC14
56
fSAMPLE = 100kHz
PI FU CTIO S
LTC1274
AIN (Pin 1): Analog Input. 0V to 4.096V, unipolar (VSS =
0V) or
±2.048V, bipolar (VSS = –5V).
VREF (Pin 2): 2.42V Reference Output. Bypass to AGND
(10
µFtantaluminparallelwith0.1µFceramic).VREFcanbe
overdriven positive with an external reference voltage.
AGND (Pin 3): Analog Ground.
D11 to D4 (Pins 4 to 11): Three-State Data Outputs. D11
is the Most Significant Bit.
DGND (Pin 12): Digital Ground.
D3 to D0 (Pins 13 to 16): Three-State Data Outputs.
REFRDY (Pin 17): Reference Ready Signal. It goes high
when the reference has settled after SLEEP indicating that
the ADC is ready to sample.
SLEEP (Pin 18): SLEEP Mode Input. Tie this pin to low to
put the ADC in Sleep mode and save power (REFRDY will
go low). The device will draw 1
µA in this mode.
CONVST (Pin 19): Conversion Start Signal. This active low
signal starts a conversion on its falling edge (to recognize
CONVST, CS has to be low.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com