Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1277CS Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1277CS
Description  12-Bit, 10mW, 100ksps ADCs with 1uA Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1277CS Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1277CS Datasheet HTML 12Page - Linear Technology LTC1277CS Datasheet HTML 13Page - Linear Technology LTC1277CS Datasheet HTML 14Page - Linear Technology LTC1277CS Datasheet HTML 15Page - Linear Technology LTC1277CS Datasheet HTML 16Page - Linear Technology LTC1277CS Datasheet HTML 17Page - Linear Technology LTC1277CS Datasheet HTML 18Page - Linear Technology LTC1277CS Datasheet HTML 19Page - Linear Technology LTC1277CS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1274/LTC1277
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
© LINEAR TECHNOLOGY CORPORATION 1995
LT/GP 1195 10K • PRINTED IN USA
S
APPLICATI
I FOR ATIO
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1272
12-Bit, 3
µs, 250kHz Sampling A/D Converter
Single 5V, Sampling 7572 Upgrade
LTC1273/75/76
12-Bit, 300ksps Sampling A/D Converters with Reference
Complete with Clock, Reference
LTC1278
12-Bit, 500ksps Sampling A/D Converter with Shutdown
70dB SINAD at Nyquist, Low Power
LTC1279
12-Bit, 600ksps Sampling A/D Converter with Shutdown
70dB SINAD at Nyquist, Low Power
LTC1282
12-Bit, 140ksps Sampling A/D Converter with Reference
3V or
±3V ADC with Reference, Clock
LTC1409
12-Bit, 800ksps Sampling A/D Converter with Shutdown
Fast, Complete Low Power ADC, 80mV
LTC1410
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
Fast, Complete Wideband ADC, 160mV
In the Sleep mode, the comparator of the ADC will start
consuming power after the rising edge of SLEEP as shown
in Figure 18a. If REFRDY is tied to NAP, the comparator will
be powered up after REFRDY’s rising edge. Hence more
power will be saved as in Figure 18b.
REFRDY
COMPARATOR
STATUS
ON
OFF
ON
LTC1274/77 • F18a
SLEEP
3ms
(CREF = 4.7µF)
NAP = REFRDY
COMPARATOR
STATUS
ON
OFF
ON
LTC1274/77 • F18b
SLEEP
3ms
(CREF = 4.7µF)
Figure 18a. Power Saved in Sleep Mode (NAP = HIGH)
Figure 18b. Power Saved in Sleep Mode (NAP = REFRDY)
SW Package
24-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
NOTE 1
0.598 – 0.614*
(15.190 – 15.600)
22
21
20
19
18
17
16
15
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
910
13
14
11
12
23
24
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS.
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com