Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1323CSW
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1323CSW Datasheet HTML 4Page - Linear Technology LTC1323CSW Datasheet HTML 5Page - Linear Technology LTC1323CSW Datasheet HTML 6Page - Linear Technology LTC1323CSW Datasheet HTML 7Page - Linear Technology LTC1323CSW Datasheet HTML 8Page - Linear Technology LTC1323CSW Datasheet HTML 9Page - Linear Technology LTC1323CSW Datasheet HTML 10Page - Linear Technology LTC1323CSW Datasheet HTML 11Page - Linear Technology LTC1323CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1323
SWITCHI G WAVEFOR S
1.5V
3V
0V
TXDEN
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
TXD+, TXD–
TXD–, TXD+
VOL
5V
tZL
tLZ
0.5V
OUTPUT NORMALLY LOW
0V
LTC1323 • F08
2.3V
2.3V
tZH
VOH
OUTPUT NORMALLY HIGH
tHZ
0.5V
Figure 8. Differential Driver Enable and Disable
Figure 11. Differential Receiver
V OD2
(RXD+) – (RXD–)
RXDO
VOL
VOH
LTC1323 • F11
tPLH
tPHL
–VOD2
1.5V
1.5V
0V
0V
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
3V
0V
TXD
TXD–
TXD+
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
VOL
VOH
VOL
VOH
LTC1323 • F09
tPHL
tr
90%
0V
0V
10%
tPLH
tf
90%
0V
0V
10%
Figure 9. Differential Driver With Single-Ended Load
3V
TXI
TXO
VOL
VOH
LTC1323 • F10
tPHL
tPLH
0V
0V
0V
90%
90%
10%
10%
1.5V
1.5V
tr
tr
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
Figure 10. Single-Ended Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com