Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1323CSW
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1323CSW Datasheet HTML 1Page - Linear Technology LTC1323CSW Datasheet HTML 2Page - Linear Technology LTC1323CSW Datasheet HTML 3Page - Linear Technology LTC1323CSW Datasheet HTML 4Page - Linear Technology LTC1323CSW Datasheet HTML 5Page - Linear Technology LTC1323CSW Datasheet HTML 6Page - Linear Technology LTC1323CSW Datasheet HTML 7Page - Linear Technology LTC1323CSW Datasheet HTML 8Page - Linear Technology LTC1323CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1323
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD RESISTANCE (
Ω)
50
–5
–4
–2
–1
0
5
2
200
500 1k
10k
LTC1323 • TPC03
–3
3
4
1
100
300
2k
3k
5k
TA = 25°C
VS = 5V
Single-Ended Driver Swing
vs Load Resistance
LOAD RESISTANCE (
Ω)
50
–5
–4
–2
–1
0
5
2
200
500 1k
10k
LTC1323 • TPC02
–3
3
4
1
100
300
2k
3k
5k
TA = 25°C
VS = 5V
Differential Driver Swing
vs Load Resistance
TEMPERATURE (°C)
–50
0
0.5
1.5
2.0
2.5
5.0
3.5
0
50
75
LTC1323 • TPC05
1.0
4.0
4.5
3.0
–25
25
100
125
VS = 5V
RL = 100Ω
TEMPERATURE (˚C)
–50
3.25
25
LTC1323 • TPC04
2.50
2.00
–25
0
50
1.75
1.50
3.50
3.00
2.75
2.25
75
100
125
VS = 5V
NO LOAD
Differential Driver Swing
vs Temperature
Supply Current vs Temperature
LOAD CURRENT (mA)
0
– 4.5
– 4.0
–3.5
15
25
LTC1323 • TPC01
– 5.0
–5.5
– 6.0
510
20
–3.0
–2.5
–2.0
30
TA = 25°C
VS = 5V
RL(DIFF) = 100Ω
RL(SE) = 3k TO GND
VTXI = 5V
Charge Pump Output Voltage
vs Load Current
TEMPERATURE (°C)
–50
–5
–4
–2
–1
0
5
2
0
50
75
LTC1323 • TPC06
–3
3
4
1
–25
25
100
125
VS = 5V
RL = 3k TO GND
Single-Ended Driver Swing
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com