Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1323CSW
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1323CSW Datasheet HTML 1Page - Linear Technology LTC1323CSW Datasheet HTML 2Page - Linear Technology LTC1323CSW Datasheet HTML 3Page - Linear Technology LTC1323CSW Datasheet HTML 4Page - Linear Technology LTC1323CSW Datasheet HTML 5Page - Linear Technology LTC1323CSW Datasheet HTML 6Page - Linear Technology LTC1323CSW Datasheet HTML 7Page - Linear Technology LTC1323CSW Datasheet HTML 8Page - Linear Technology LTC1323CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1323
ELECTRICAL CHARACTERISTICS V
CC = 5V ±10%, TA = 0°C to 70°C (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
Normal Operation Supply Current
No Load, SHDN = 0V, CPEN = 0V, TXDEN = 0V,
q
2.4
4
mA
RXEN = 0V
Receiver Keep-Alive Supply Current
No Load, SHDN = 0V, CPEN = VCC, TXDEN = 0V, q
65
100
µA
RXEN = 0V
Shutdown Supply Current
No Load, SHDN = VCC, CPEN = X, TXDEN = X,
q
0.5
10
µA
RXEN = 0V
VEE
Negative Supply Output Voltage
ILOAD ≤ 10mA (Note 4),
q
– 5.5
– 5
– 4.5
V
VCC = 5V, RL = 100Ω (Figure 1),
TXI = VCC, RTXO = 3k (Figure 5)
fOSC
Charge Pump Oscillator Frequency
200
kHz
Differential Driver
VOD
Differential Output Voltage
No Load
q
±8V
RL = 100Ω (Figure 1)
q
±2
∆VOD
Change in Magnitude of Differential
RL = 100Ω (Figure 1)
0.2
V
Output Voltage
Differential Driver
VOC
Differential Common-Mode
RL = 100Ω
3V
Output Voltage
VOS
Single-Ended Output Voltage
No Load
q
±4.0
V
RL = 3k to GND
q
±3.7
V
VCMR
Common-Mode Range
SHDN = VCC or CPEN = VCC or Power Off
q
±10
V
ISS
Short-Circuit Current
– 5V
≤ VO ≤ 5V
q
35
120
500
mA
IOZ
Three-State Output Current
SHDN = VCC or CPEN = VCC or Power Off,
q
±2
±200
µA
– 10V
≤ VO ≤ 10V
Single-Ended Driver (Note 5)
VOS
Single-Ended Output Voltage
No Load
q
±4.5
V
RL = 3k to GND
q
±3.7
V
VCMR
Common-Mode Range
SHDN = VCC or CPEN = VCC or TXDEN = VCC
q
±10
V
or Power Off
ISS
Short-Circuit Current
– 5V
≤ VO ≤ 5V
q
35
220
500
mA
IOZ
Three-State Output Current
SHDN = VCC or CPEN = VCC or TXDEN = VCC
q
±2
±200
µA
or Power Off, – 10V
≤ VO ≤ 10V
Receivers
RIN
Input Resistance
– 7V
≤ VIN ≤ 7V
q
12
k
Ω
Differential Receiver Threshold Voltage
– 7V
≤ VCM ≤ 7V
q
– 200
200
mV
Differential Receiver Input Hysteresis
– 7V
≤ VCM ≤ 7V
q
70
mV
Single-Ended Input, Low Voltage
(Note 5)
q
0.8
V
Single-Ended Input, High Voltage
(Note 5)
q
2V
VOH
Output High Voltage
IO = – 4mA
q
3.5
V
VOL
Output Low Voltage
IO = 4mA
q
0.4
V
ISS
Output Short-Circuit Current
– 5V
≤ VO ≤ 5V
q
785
mA
IOZ
Output Three-State Current
– 5V
≤ VO ≤ 5V, RXEN = VCC
q
±2
±100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com