Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CSW Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1323CSW
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CSW Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1323CSW Datasheet HTML 3Page - Linear Technology LTC1323CSW Datasheet HTML 4Page - Linear Technology LTC1323CSW Datasheet HTML 5Page - Linear Technology LTC1323CSW Datasheet HTML 6Page - Linear Technology LTC1323CSW Datasheet HTML 7Page - Linear Technology LTC1323CSW Datasheet HTML 8Page - Linear Technology LTC1323CSW Datasheet HTML 9Page - Linear Technology LTC1323CSW Datasheet HTML 10Page - Linear Technology LTC1323CSW Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1323
TXO: Single-Ended Driver Output.
TXD+: Differential Driver Noninverting Output.
TXD–: Differential Driver Inverting Output.
VEE: Negative Supply Charge Pump Output. Requires a
1
µF bypass capacitor to ground. If an external load is
connected to the VEE pin, the bypass capacitor value
should be increased to 4.7
µF.
PI FU CTIO S
C2–: C2 Negative Input. Connect a 0.33
µF capacitor
between C2+ and C2 –.
C2+: C2 Positive Input. Connect a 0.33
µF capacitor
between C2+ and C2–.
VCC: Positive Supply Input. 4.5V ≤ VCC ≤ 5.5V. Requires a
1
µF bypass capacitor to ground.
TEST CIRCUITS
R
R
VOD
TXD+
TXD–
LTC1323 • F01
VOC
RL
CL
LTC1323 • F02
RXD+
TXD–
RXD+
RXD–
RXDO
CL
15pF
TXI
Figure 1
Figure 2
Figure 3
LTC1323 • F03
TXD–
TXD+
TXI
CL
RL
CL
RL
OUTPUT
CL
500
Ω
S2
LTC1323 • F04
VCC
S1
LTC1323 • F06
RXO
RXI
CL
RXO
RXI
CL
RL
LTC1323 • F05
TXO
TXI
CL
Figure 4
Figure 5
Figure 6
SWITCHI G WAVEFOR S
1.5V
3V
0V
TXD
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
–VO
VO
tSKEW
1/2 VO
LTC1323 • F07
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(TXD
+) – V(TXD–)
TXD–
TXD+
Figure 7. Differential Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com