Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1323CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1323CSW
Description  Single 5V AppleTalk Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1323CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1323CSW Datasheet HTML 4Page - Linear Technology LTC1323CSW Datasheet HTML 5Page - Linear Technology LTC1323CSW Datasheet HTML 6Page - Linear Technology LTC1323CSW Datasheet HTML 7Page - Linear Technology LTC1323CSW Datasheet HTML 8Page - Linear Technology LTC1323CSW Datasheet HTML 9Page - Linear Technology LTC1323CSW Datasheet HTML 10Page - Linear Technology LTC1323CSW Datasheet HTML 11Page - Linear Technology LTC1323CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1323
APPLICATIO S I FOR ATIO
Driving Differential AppleTalk or Single-Ended Loads
The differential driver is able to drive either an AppleTalk
load or a single-ended load such as a printer or modem.
With a differential AppleTalk load, TXD+ and TXD– will
typically swing between 1.2V and 3.5V (Figure 14a). With
a single-ended 3k load such as a printer, either TXD+ or
TXD– will meet the single-ended voltage swing require-
ment of
±3.7V(Figure14b).Anautomaticswitchingcircuit
prevents the differential driver from overloading the charge
pump if the outputs are shorted to ground while driving
single-ended signals. This allows the second single-ended
driver to continue to operate normally when the first is
shorted, and allows external circuitry attached to the charge
pump output to continue to operate even if there are faults
at the driver outputs.
Power Shutdown
The power shutdown feature of the LTC1323 is designed
for battery-powered systems. When SHDN is forced
high the part enters shutdown mode. In shutdown the
supply current typically drops from 2.4mA to 0.5
µA , the
charge pump turns off, and the driver and receiver
outputs are three-stated.
Receiver Keep-Alive Mode (24-Pin SO Wide Only)
The 24-pin SO Wide version of the LTC1323 also features
a power saving receiver keep-alive mode. When CPEN is
pulled high the charge pump is turned off and the outputs
of both drivers, the noninverting single-ended receiver and
the differential receiver are forced into three-state. The
inverting single-ended receiver (RXI) is kept alive with ICC
dropping to 65
µA and the receiver delay time increasing to
a maximum of 400ns. The receiver can then be used to
monitor a wake-up control signal.
Charge Pump Capacitors and Supply Bypassing
The LTC1323 requires two external 0.33
µF capacitors for
the charge pump to operate: one from C1+ to C1– and one
from C2+ to C2–. These capacitors should be low ESR
types and should be mounted as close as possible to the
LTC1323. Monolithic ceramic capacitors work well in this
application. Do not use capacitors greater than 2
µF at the
charge pump pins or internal peak currents can rise to
destructive levels. The LTC1323 also requires that both VCC
and VEE be well bypassed to ensure proper charge pump
operation and prevent data errors. A 1
µF capacitor from
VCC to ground is adequate. A 1µF capacitor is required from
VEE to ground and should be increased to 4.7µF if an
external load is connected to the VEE pin. Ceramic or
tantalum capacitors are adequate for power supply by-
passing; aluminum electrolytic capacitors should only be
used if their ESR is low enough for proper charge pump
operation. Inadequate bypass or charge pump capacitors
will cause the charge pump output to go out of regulation
prematurely, degrading the output swing at the SINGLE-
ENDED driver outputs.
EXTERNAL
CHIP
VCC
VEE
IVEE
GND
12
24
21
1
µF
4.7
µF
LTC1323 • F15
–5.5V
≤ VEE ≤ –4.5V
IVEE ≤ 10mA
13
LTC1323
VCC = 5V
C1
+
Thermal Shutdown Protection
The LTC1323 includes a thermal shutdown circuit which
protects against prolonged shorts at the driver outputs. If
a driver output is shorted to another output or to the power
supply, the current will be initially limited to a maximum of
500mA. When the die temperature rises above 150
°C, the
thermal shutdown circuit disables the driver outputs.
When the die cools to about 130
°C, the outputs are re-
enabled. If the short still exists, the part will heat again and
the cycle will repeat. This oscillation occurs at about 10Hz
and prevents the part from being damaged by excessive
power dissipation. When the short is removed, the part will
return to normal operation.
Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com