Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1410CSW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1410CSW
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CSW Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1410CSW Datasheet HTML 4Page - Linear Technology LTC1410CSW Datasheet HTML 5Page - Linear Technology LTC1410CSW Datasheet HTML 6Page - Linear Technology LTC1410CSW Datasheet HTML 7Page - Linear Technology LTC1410CSW Datasheet HTML 8Page - Linear Technology LTC1410CSW Datasheet HTML 9Page - Linear Technology LTC1410CSW Datasheet HTML 10Page - Linear Technology LTC1410CSW Datasheet HTML 11Page - Linear Technology LTC1410CSW Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1410
APPLICATIONS INFORMATION
DYNAMIC PERFORMANCE
The LTC1410 has excellent high speed sampling capabil-
ity. Fast Four Transform (FFT) test techniques are used to
test the ADC’s frequency response, distortion and noise at
the rated throughput. By applying a low distortion sine
wave and analyzing the digital output using an FFT algo-
rithm, the ADC’s spectral content can be examined for
frequencies outside the fundamental.
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
1410 F02a
500
600
fSAMPLE = 1.25MHz
fIN = 100.098kHz
SFDR = 90.1dB
SINAD = 72.4dB
FREQUENCY (kHz)
0
0
–20
–40
–60
–80
–100
–120
100
200
300
400
1410 F02b
500
600
fSAMPLE = 1.25MHz
fIN = 599.975kHz
SFDR = 84.7dB
SINAD = 71.7dB
Figure 2b. LTC1410 Nonaveraged 4096 Point FFT, 600kHz Input
Figure 2a. LTC1410 Nonaveraged 4096 Point FFT, 100kHz Input
to frequencies from above DC and below half the sampling
frequency. Figures 2a and 2b shows a typical spectral
content with a 1.25MHz sampling rate for 100kHz and
600kHz inputs. The dynamic performance is excellent for
input frequencies up to the Nyquist limit of 625kHz and
beyond.
Effective Number of Bits
The Effective Number of Bits (ENOBs) is a measurement
of the resolution of an ADC and is directly related to the
S/(N + D) by the equation:
N = [S/(N + D) – 1.76]
/6.02
where N is the effective number of bits of resolution and
S/(N + D) is expressed in dB. At the maximum sampling
rate of 1.25MHz the LTC1410 maintains very good ENOBs
up to the Nyquist input frequency of 625kHz and beyond.
Refer to Figure 3.
Signal-to-Noise Ratio
The Signal-to-Noise plus Distortion ratio [S/(N + D)] is the
ratio between the RMS amplitude of the fundamental input
frequency to the RMS amplitude of all other frequency
components at the ADC output. The output is band limited
INPUT FREQUENCY (Hz)
2
4
6
8
10
10k
100k
1M
10M
LTC1410 • TA02
0
1k
12
74
68
62
56
50
fSAMPLE = 1.25MHz
NYQUIST
Figure 3. Effective Bits and Signal/(Noise + Distortion)
vs Input Frequency
Total Harmonic Distortion (THD)
Total harmonic distortion is the ratio of the RMS sum of all
harmonics of the input signal to the fundamental itself. The
out-of-band harmonics alias into the frequency band
between DC and half the sampling frequency. THD is
expressed as:
THD
VV
=
+++
20
3
2
4
2
log
V
. . .V
V
2
2
n
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com