Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1410CSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1410CSW
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1410CSW Datasheet HTML 5Page - Linear Technology LTC1410CSW Datasheet HTML 6Page - Linear Technology LTC1410CSW Datasheet HTML 7Page - Linear Technology LTC1410CSW Datasheet HTML 8Page - Linear Technology LTC1410CSW Datasheet HTML 9Page - Linear Technology LTC1410CSW Datasheet HTML 10Page - Linear Technology LTC1410CSW Datasheet HTML 11Page - Linear Technology LTC1410CSW Datasheet HTML 12Page - Linear Technology LTC1410CSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1410
APPLICATIONS INFORMATION
where V1 is the RMS amplitude of the fundamental fre-
quency and V2 through Vn are the amplitudes of the
second through nth harmonics. THD vs Input Frequency is
shown in Figure 4. The LTC1410 has good distortion
performance up to the Nyquist frequency and beyond.
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
100
(fb–fa)
(fa+fb) (2fa+fb)
(fa+2fb)
(fa)
(2fa)
(fb)
(2fb–fa)
200
300
400
1410 F05
500
600
(2fb)
fSAMPLE = 1.25MHz
fIN1 = 88.19580078kHz
fIN2 = 111.9995117kHz
(2fa–fb)
(3fa)
(3fb)
Figure 5. Intermodulation Distortion Plot
Peak Harmonic or Spurious Noise
The peak harmonic or spurious noise is the largest spec-
tral component excluding the input signal and DC. This
value is expressed in decibel relative to the RMS value of
a full-scale input signal.
Full Power and Full Linear Bandwidth
The full power bandwidth is that input frequency at which
the amplitude of the reconstructed fundamental is re-
duced by 3dB for a full-scale input signal.
The full linear bandwidth is the input frequency at which
the S/(N + D) has dropped to 68dB (11 effective bits). The
LTC1410 has been designed to optimize input bandwidth,
allowing the ADC to undersample input signals with fre-
quencies above the converter’s Nyquist frequency. The
noise floor stays very low at high frequencies; S/(N + D)
does not become dominated by distortion until frequen-
cies far beyond Nyquist.
Driving the Analog Input
The differential analog inputs of the LTC1410 are easy to
drive. The inputs may be driven differentially or as a
single-ended input (i.e., the – AIN input is grounded). The
+AIN and – AIN inputs are sampled at the same instant.
Any unwanted signal that is common mode to both
inputs will be reduced by the common mode rejection of
the sample-and-hold circuit. The inputs draw only one
small current spike while charging the sample-and-hold
INPUT FREQUENCY (Hz)
1k
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10k
100k
1410 G03
1M
10M
THD
2ND
3RD
Figure 4. Distortion vs Input Frequency
Intermodulation Distortion (IMD)
If the ADC input signal consists of more than one spectral
component, the ADC transfer function nonlinearity can
produce Intermodulation Distortion in addition to THD.
IMD is the change in one sinusoidal input caused by the
presence of another sinusoidal input at a different
frequency.
If two pure sine waves of frequencies fa and fb are applied
to the ADC input, nonlinearities in the ADC transfer func-
tion can create distortion products at the sum and differ-
ence frequencies of mfa ± nfb, where m and n = 0, 1, 2, 3,
etc. For example, the 2nd order IMD terms include
(fa + fb). If the two input sine waves are equal in magnitude,
the value (in decibels) of the 2nd order IMD products can
be expressed by the following formula:
IMD f
f
f
Amplitude at
ab
b
+
()=
±
()
20 log
Amplitude at f
f
a
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com