Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1410CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1410CSW
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1410CSW Datasheet HTML 6Page - Linear Technology LTC1410CSW Datasheet HTML 7Page - Linear Technology LTC1410CSW Datasheet HTML 8Page - Linear Technology LTC1410CSW Datasheet HTML 9Page - Linear Technology LTC1410CSW Datasheet HTML 10Page - Linear Technology LTC1410CSW Datasheet HTML 11Page - Linear Technology LTC1410CSW Datasheet HTML 12Page - Linear Technology LTC1410CSW Datasheet HTML 13Page - Linear Technology LTC1410CSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1410
APPLICATIONS INFORMATION
capacitors at the end of conversion. During conversion
the analog inputs draw only a small leakage current. If the
source impedance of the driving circuit is low then the
LTC1410 inputs can be driven directly. As source imped-
ance increases so will acquisition time (see Figure 6). For
minimum acquisition time with high source impedance,
a buffer amplifier should be used. The only requirement
is that the amplifier driving the analog input(s) must
settle after the small current spike before the next conver-
sion starts (settling time must be 100ns for full through-
put rate).
SOURCE RESISTANCE (
Ω)
10
1
1410 F06
0.1
0.01
100
1k
10k
100k
10
Figure 6. Acquisition Time vs Source Resistance
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, choose an amplifier
that has a low output impedance (< 100
Ω) at the closed-
loop bandwidth frequency. For example, if an amplifier is
used in a gain of +1 and has a closed-loop bandwidth of
50MHz, then the output impedance at 50MHz must be
less than 100
Ω. The second requirement is that the
closed-loop bandwidth must be greater than 20MHz to
ensure adequate small-signal settling for full throughput
rate. If slower op amps are used, more settling time can
be provided by increasing the time between conversions.
Suitable devices capable of driving the ADC’s inputs
include the LT
®1360, LT1220, LT1223, LT1224 and
LT1227 op amps.
The noise and the distortion of the input amplifier must
also be considered since they will add to the LTC1410
noise and distortion. The small-signal bandwidth of the
sample-and-hold circuit is 20MHz. Any noise that is present
at the analog inputs will be summed over this entire
bandwidth. Noisy input circuitry should be filtered prior to
the analog inputs to minimize noise. A simple 1-pole RC
filter is usually sufficient. For example, Figure 7 shows a
1000pF capacitor from + AIN to ground and a 100Ω source
resistor will limit the input bandwidth to 1.6MHz. Simple
RC filters work well for AC applications, but they will limit
the transient response. For full speed operation, amplifiers
with fast settling and low noise should be chosen.
1
2
3
4
5
0.1
µF
10
µF
100
Ω
ANALOG
INPUT
1000pF
1410 F07
+AIN
–AIN
VREF
REFCOMP
AGND
LTC1410
Figure 7. RC Input Filter
Internal Reference
The LTC1410 has an on-chip, temperature compensated,
curvature corrected, bandgap reference which is factory
trimmed to 2.500V. It is connected internally to a reference
amplifier and is available at VREF (Pin 3). See Figure 8a. A
2k resistor is in series with the output so that it can be
1
2
3
+AIN
–AIN
LTC1410
4.06V
0.1
µF
10
µF
R2
40k
R1
2k
ANALOG
INPUT
2.500V
1410 F08a
REFCOMP
AGND
VREF
4
5
R3
64k
+
–
BANDGAP
REFERENCE
Figure 8a. LTC1410 Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com