Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1410CSW Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1410CSW
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CSW Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1410CSW Datasheet HTML 8Page - Linear Technology LTC1410CSW Datasheet HTML 9Page - Linear Technology LTC1410CSW Datasheet HTML 10Page - Linear Technology LTC1410CSW Datasheet HTML 11Page - Linear Technology LTC1410CSW Datasheet HTML 12Page - Linear Technology LTC1410CSW Datasheet HTML 13Page - Linear Technology LTC1410CSW Datasheet HTML 14Page - Linear Technology LTC1410CSW Datasheet HTML 15Page - Linear Technology LTC1410CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC1410
S
APPLICATI
I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
RD = CONVST
BUSY
1410 F18
tCONV
t6
DATA (N – 1)
DB11 TO DB0
DATA
DATA N
DB11 TO DB0
t10
t11
t8
Figure 18. ROM Mode Timing
RD = CONVST
BUSY
1410 F17
tCONV
t6
DATA (N – 1)
DB11 TO DB0
DATA
DATA N
DB11 TO DB0
DATA (N + 1)
DB11-DB0
DATA N
DB11 TO DB0
t11
t8
t10
t7
Figure 17. Slow Memory Mode Timing
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
G28 SSOP 0694
0.005 – 0.009
(0.13 – 0.22)
0
° – 8°
0.022 – 0.037
(0.55 – 0.95)
0.205 – 0.212**
(5.20 – 5.38)
0.301 – 0.311
(7.65 – 7.90)
12 3
4
5
6 7 8
9 10 11 12
14
13
0.397 – 0.407*
(10.07 – 10.33)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
0.068 – 0.078
(1.73 – 1.99)
0.002 – 0.008
(0.05 – 0.21)
0.0256
(0.65)
BSC
0.010 – 0.015
(0.25 – 0.38)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com