Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1410CSW Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1410CSW
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CSW Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1410CSW Datasheet HTML 8Page - Linear Technology LTC1410CSW Datasheet HTML 9Page - Linear Technology LTC1410CSW Datasheet HTML 10Page - Linear Technology LTC1410CSW Datasheet HTML 11Page - Linear Technology LTC1410CSW Datasheet HTML 12Page - Linear Technology LTC1410CSW Datasheet HTML 13Page - Linear Technology LTC1410CSW Datasheet HTML 14Page - Linear Technology LTC1410CSW Datasheet HTML 15Page - Linear Technology LTC1410CSW Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1410
APPLICATIONS INFORMATION
High quality tantalum and ceramic bypass capacitors
should be used at the VDD, VSS and REFCOMP pins as
shown in the Typical Application on the first page of this
data sheet. Bypass capacitors must be located as close to
the pins as possible. The traces connecting the pins and
bypass capacitors must be kept short and should be made
as wide as possible.
The LTC1410 has differential inputs to minimize noise
coupling. Common mode noise on the + AIN and – AIN
leads will be rejected by the input CMRR. The – AIN input
can be used as a ground sense for the + AIN input; the
LTC1410 will hold and convert the difference voltage
between + AIN and –AIN. The leads to + AIN (Pin 1) and – AIN
(Pin 2) should be kept as short as possible. In applications
where this is not possible, the + AIN and – AIN traces should
be run side by side to equalize coupling.
A single point analog ground separate from the logic
system ground should be established with an analog
ground plane at Pin 5 (AGND) or as close as possible to the
ADC. Pin 14 and Pin 19 (ADC’s DGND) and all other analog
grounds should be connected to this single analog ground
point. No other digital grounds should be connected to this
analog ground point. Low impedance analog and digital
power supply common returns are essential to low noise
operation of the ADC and the foil width for these tracks
should be as wide as possible. In applications where the
ADC data outputs and control signals are connected to a
continuously active microprocessor bus, it is possible to
get errors in the conversion results. These errors are due
to feedthrough from the microprocessor to the successive
approximation comparator. The problem can be elimi-
nated by forcing the microprocessor into a wait state
during conversion or by using three-state buffers to iso-
late the ADC data bus.
DIGITAL INTERFACE
The A/D converter is designed to interface with micropro-
cessors as a memory mapped device. The CS and RD
control inputs are common to all peripheral memory
interfacing. A separate CONVST is used to initiate a con-
version.
Internal Clock
The A/D converter has an internal clock that eliminates the
need of synchronization between the external clock and
the CS and RD signals found in other ADCs. The internal
clock is factory trimmed to achieve a typical conversion
time of 0.65
µs and a maximum conversion time over the
full operating temperature range of 0.75
µs. No external
adjustments are required. The guaranteed maximum ac-
quisition time is 100ns. In addition, throughput time of
800ns and a minimum sampling rate of 1.25Msps is
guaranteed.
1410 F11
DIGITAL
SYSTEM
0.1
µF
ANALOG
INPUT
CIRCUITRY
4
2
26
19
14
1
0.1
µF
10
µF
10
µF
+
–
0.1
µF
28
27
10
µF
+AIN
–AIN
AGND
REFCOMP
AVDD
VSS
DVDD DGND OGND
LTC1410
Figure 11. Power Supply Grounding Practice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com