Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1420IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1420IGN
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1420IGN Datasheet HTML 7Page - Linear Technology LTC1420IGN Datasheet HTML 8Page - Linear Technology LTC1420IGN Datasheet HTML 9Page - Linear Technology LTC1420IGN Datasheet HTML 10Page - Linear Technology LTC1420IGN Datasheet HTML 11Page - Linear Technology LTC1420IGN Datasheet HTML 12Page - Linear Technology LTC1420IGN Datasheet HTML 13Page - Linear Technology LTC1420IGN Datasheet HTML 14Page - Linear Technology LTC1420IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1420
1420 F08a
+AIN
VSS
VIN
470pF
15
Ω
15
Ω
MINI CIRCUITS
T1-1T
1
µF
LTC1420
5V
–AIN
VCM
1420 F08b
+AIN
VSS
VIN
MINI CIRCUITS
T1-1T
1
µF
LTC1420
5V
–5V
–AIN
VCM
470pF
15
Ω
15
Ω
Figure 8a. Single Supply Transformer Coupled Input
Figure 8b. Dual Supply Transformer Coupled Input
+AIN
VIN
LTC1420
–AIN
470pF
30
Ω
Figure 9. RC Input Filter
APPLICATIONS INFORMATION
Differential Operation
The THD and SFDR performance of the LTC1420 can be
improved by using a center tap RF transformer to drive the
inputs differentially. Though the signal can no longer be
DC coupled, the improvement in dynamic performance
makes this an attractive solution for some applications.
Typical connections for single and dual supply systems
are shown in Figures 8a and 8b. Good choices for trans-
formers are the Mini Circuits T1-1T (1:1 turns ratio) and
T4-6T (1:4 turns ratio). For best results, the transformer
should be located close to the LTC1420 on the printed
circuit board.
Choosing an Input Amplifier
Choosing an input amplifier is easy if a few requirements
are taken into consideration. First, to limit the magnitude
of the voltage spike seen by the amplifier from charging
the sampling capacitor, choose an amplifier that has a low
output impedance (<100
Ω) at the closed-loop bandwidth
frequency. For example, if an amplifier is used in a gain of
1 and has a unity-gain bandwidth of 100MHz, then the
output impedance at 100MHz must be less than 100
Ω.
The second requirement is that the closed-loop bandwidth
must be greater than 100MHz to ensure adequate small-
signal settling for full throughput rate. If slower op amps
are used, more settling time can be provided by increasing
the time between conversions.
The best choice for an op amp to drive the LTC1420 will
depend on the application. Generally applications fall into
two categories: AC applications where dynamic specifica-
tions are most critical and time domain applications where
DC accuracy and settling time are most critical.
Input Filtering
The noise and the distortion of the input amplifier and
other circuitry must be considered since they will add to
the LTC1420 noise and distortion. The small-signal band-
width of the sample-and-hold circuit is 100MHz. Any noise
or distortion products that are present at the analog inputs
will be summed over this entire bandwidth. Noisy input
circuitry should be filtered prior to the analog inputs to
minimize noise. A simple 1-pole RC filter is sufficient for
many applications.
For example, Figure 9 shows a 470pF capacitor from + AIN
to – AIN and a 30Ω source resistor to limit the input
bandwidth to 11.3MHz. The 470pF capacitor also acts as
a charge reservoir for the input sample-and-hold and
isolates the amplifier driving VIN from the ADC’s small
current glitch. In undersampling applications, an input
capacitor this large may prohibitively limit the input band-
width. If this is the case, use as large an input capacitance
as possible. High quality capacitors and resistors should
be used since these components can add distortion. NPO
and silver mica type dielectric capacitors have excellent
linearity. Carbon surface mount resistors can generate
distortion from self-heating and from damage that may
occur during soldering. Metal film surface mount resis-
tors are much less susceptible to both problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com