Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1420IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1420IGN
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1420IGN Datasheet HTML 2Page - Linear Technology LTC1420IGN Datasheet HTML 3Page - Linear Technology LTC1420IGN Datasheet HTML 4Page - Linear Technology LTC1420IGN Datasheet HTML 5Page - Linear Technology LTC1420IGN Datasheet HTML 6Page - Linear Technology LTC1420IGN Datasheet HTML 7Page - Linear Technology LTC1420IGN Datasheet HTML 8Page - Linear Technology LTC1420IGN Datasheet HTML 9Page - Linear Technology LTC1420IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1420
TYPICAL PERFOR A CE CHARACTERISTICS
IDD vs Clock Frequency
CLOCK FREQUENCY (MHz)
0
40
42
44
46
48
50
52
246
8
1420 G10
10
VREF = 4.096V
VREF = 2.048V
CLOCK FREQUENCY (MHz)
0
1.0
1.2
1.4
8
6
1420 G11
0.8
0.6
24
10
0.4
0.2
0
ISS vs Clock Frequency
CMRR vs Input Frequency
INPUT FREQUENCY (MHz)
0.01
0
10
30
40
50
1
90
1420 G12
20
0.1
10
60
70
80
+AIN (Pin 1): Positive Analog Input.
–AIN (Pin 2): Negative Analog Input.
VCM (Pin 3): 2.5V Reference Output.Optional input com-
mon mode for single supply operation. Bypass to GND
with a 1
µF to 10µF ceramic.
SENSE (Pin 4): Reference Programming Pin. Ground
selects VREF = 4.096V. Short to VREF for 2.048V. Connect
SENSE to VDD to drive VREF with an external reference.
VREF (Pin 5): DAC Reference. Bypass to GND with a 1µF to
10
µF ceramic.
GND (Pin 6): DAC Reference Ground.
VDD (Pin 7): Analog 5V Supply. Bypass to GND with a 1µF
to 10
µF ceramic.
GND (Pin 8): Analog Power Ground.
D11 to D0 (Pins 9 to 20): Data Outputs. The output format
is two’s complement.
OGND (Pin 21): Output Logic Ground. Tie to GND.
OVDD (Pin 22): Positive Supply for the Output Logic.
Connect to Pin 23 for 5V logic. If not shorted to Pin 23,
bypass to GND with a 1
µF ceramic.
PIN FUNCTIONS
LTC1420 Nonaveraged 4096 Point FFT
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
1420 G13
5
fSAMPLE = 10Msps
fIN = 5.048828125MHz
SFDR = 83.2dB
SINAD = 71dB
VIN = 4VP-P
±5V SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com