Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1420IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1420IGN
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1420IGN Datasheet HTML 1Page - Linear Technology LTC1420IGN Datasheet HTML 2Page - Linear Technology LTC1420IGN Datasheet HTML 3Page - Linear Technology LTC1420IGN Datasheet HTML 4Page - Linear Technology LTC1420IGN Datasheet HTML 5Page - Linear Technology LTC1420IGN Datasheet HTML 6Page - Linear Technology LTC1420IGN Datasheet HTML 7Page - Linear Technology LTC1420IGN Datasheet HTML 8Page - Linear Technology LTC1420IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1420
12-Bit, 10Msps,
Sampling ADC
The LTC
®1420 is a 10Msps, 12-bit sampling A/D converter
that draws only 250mW from either single 5V or dual
±5V
supplies. This easy-to-use device includes a high dynamic
range sample-and-hold, a precision reference and a PGA
input circuit.
The LTC1420 has a flexible input circuit that allows full-
scale input ranges of
±2.048V ±1.024V and ±0.512V. The
input common mode voltage is arbitrary, though a 2.5V
reference is provided for single supply applications. The
input PGA has a digitally selectable 1x or 2x gain.
Maximum DC specs include
±1LSB INL and ±1LSB DNL
over temperature. Outstanding AC performance includes
71dB S/(N + D) and 83dB SFDR at the Nyquist input
frequency of 5MHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 100MHz
bandwidth. The 75dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source. A
separate output logic supply allows direct connection to
3V components.
s
10Msps Sample Rate
s
Single 5V Supply or
±5V Supplies
s
Integral Nonlinearity Error <0.35LSB
s
Differential Nonlinearity <0.25LSB
s
71dB S/(N + D) and 83dB SFDR at Nyquist
s
100MHz Full-Power Bandwidth Sampling
s
±2.048V, ±1.024V and ±0.512V Bipolar Input Range
s
Input PGA
s
Out-of-Range Indicator
s
True Differential Inputs with 75dB CMRR
s
Power Dissipation: 250mW
s
28-Pin Narrow SSOP Package
s
Telecommunications
s
Digital Signal Processing
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectral Analysis
s
Imaging Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
Typical INL Curve
CODE
0
1024
2048
3072
4096
1420 TA02
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
DIGITAL CORRECTION
LOGIC
OUTPUT
BUFFERS
1420 TA01
MODE SELECT
PIPELINED 12-BIT ADC
S/H
0V OR –5V
VCM
GAIN
5V
VDD
VDD
OVDD
28
7
23
22
21
OPTIONAL 3V
LOGIC SUPPLY
OF
D11 (MSB)
D0 (LSB)
CLK
27
10
20
26
10MHz CLK
DIGITAL
OUTPUT
SENSE
VREF
–AIN
+
AIN
VIN
+
–
3
4
5
2
1
24
8
25
6
OGND
GND
GND
VSS
GND
2.048V
2.5V
REFERENCE
1
µF
5V
5V
1
µF
1
µF
1
µF
1
µF
1
µF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1420IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1420 LINER-LTC1420 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1420 LINER-LTC1420 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
12-Bit, 10Msps, Sampling ADC
More results

Similar Description - LTC1420IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
12-Bit, 5Msps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1426 MAXIM-MAX1426 Datasheet
204Kb / 16P
10-Bit, 10Msps ADC
19-1598 Rev 0; 1/00
logo
Linear Technology
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
12-Bit, 5Msps, Sampling ADC
LTC2225 LINER-LTC2225 Datasheet
515Kb / 20P
12-Bit, 10Msps Low Power 3V ADC
logo
Maxim Integrated Produc...
MAX1426 MAXIM-MAX1426_11 Datasheet
435Kb / 16P
10-Bit, 10Msps ADC
Rev 1; 7/11
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
12-Bit, 10Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
12-Bit, 5Msps, Sampling ADC
LTC2225 LINER-LTC2225_15 Datasheet
521Kb / 20P
12-Bit, 10Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com