Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1420IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1420IGN
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1420IGN Datasheet HTML 12Page - Linear Technology LTC1420IGN Datasheet HTML 13Page - Linear Technology LTC1420IGN Datasheet HTML 14Page - Linear Technology LTC1420IGN Datasheet HTML 15Page - Linear Technology LTC1420IGN Datasheet HTML 16Page - Linear Technology LTC1420IGN Datasheet HTML 17Page - Linear Technology LTC1420IGN Datasheet HTML 18Page - Linear Technology LTC1420IGN Datasheet HTML 19Page - Linear Technology LTC1420IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LTC1420
1420f LT/TP 1299 4K • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART NUMBER
DESCRIPTION
COMMENTS
LTC1405
12-Bit, 5Msps, Sampling ADC with Parallel Output
Pin Compatible with the LTC1420
LTC1412
12-Bit, 3Msps, Sampling ADC with Parallel Output
Best Dynamic Performance, SINAD = 72dB at Nyquist
LTC1415
Single 5V, 12-Bit, 1.25Msps with Parallel Output
55mW Power Dissipation, 72dB SINAD
LT1019
Precision Bandgap Reference
0.05% Max Initial Accuracy, 5ppm/
°C Max Drift
TYPICAL APPLICATION
RELATED PARTS
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
–20
0
123
4
1420 TA06
5
fSAMPLE = 10Msps
fIN = 1.0083MHz, 2VP-P
SFDR = 83dB
SINAD = 69.8dB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
3.3V
ANALOG INPUT
(2.048VP-P)
15
Ω
+
–
15
Ω
LTC1420
3.3V
5V
5V
1
µF
1
µF
TO PIN 7
OVERFLOW BIT
0V TO 3.3V
12-BIT DATA
470pF, NPO
1
µF
1
µF
1420 TA05
1
µF
0.1
µF
0.1
µF
15
µF
100k
10MHz CLOCK
+
15
µF
+
32.4k
VIN
LT1613
4.7
µH
1.4MHz BOOST REGULATOR
GND
SW
SHDN
FB
SHDN
Single 3.3V Supply, 10Msps, 12-Bit ADC
4096 Point FFT of Above Circuit with a 1MHz Input. Note That There
Are No Spurs From the 1.4MHz Boost Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com