Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1420IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1420IGN
Description  12-Bit, 10Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1420IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1420IGN Datasheet HTML 12Page - Linear Technology LTC1420IGN Datasheet HTML 13Page - Linear Technology LTC1420IGN Datasheet HTML 14Page - Linear Technology LTC1420IGN Datasheet HTML 15Page - Linear Technology LTC1420IGN Datasheet HTML 16Page - Linear Technology LTC1420IGN Datasheet HTML 17Page - Linear Technology LTC1420IGN Datasheet HTML 18Page - Linear Technology LTC1420IGN Datasheet HTML 19Page - Linear Technology LTC1420IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1420
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
5V
ANALOG INPUT
(2.5V
±1.024V)
LTC1420
3V
1
µF
5V
1
µF
0V TO 3V
12-BIT
PARALLEL DATA
PLUS OVERFLOW
10MHz CLOCK
1
µF
1
µF
1420 TA03
1
µF
30
Ω
470pF
NPO
Single Supply, 10Msps, 12-Bit ADC with 3V Logic Outputs
Dual Supply, 10Msps, 12-Bit ADC with 71dB SINAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
5V
ANALOG INPUT
(
±2.048V)
30
Ω
LTC1420
5V
1
µF
5V
–5V
1
µF
12-BIT
PARALLEL DATA
PLUS OVERFLOW
470pF, NPO
1
µF
1
µF
1420 TA04
1
µF
10MHz CLOCK
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com