Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1627CS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC1627CS8 Datasheet HTML 1Page - Linear Technology LTC1627CS8 Datasheet HTML 2Page - Linear Technology LTC1627CS8 Datasheet HTML 3Page - Linear Technology LTC1627CS8 Datasheet HTML 4Page - Linear Technology LTC1627CS8 Datasheet HTML 5Page - Linear Technology LTC1627CS8 Datasheet HTML 6Page - Linear Technology LTC1627CS8 Datasheet HTML 7Page - Linear Technology LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1627
Monolithic Synchronous
Step-Down Switching Regulator
Figure 1b. Efficiency vs Output Load Current
Figure 1a. High Efficiency Step-Down Converter
FEATURES
DESCRIPTION
The LTC
®1627 is a monolithic current mode synchronous
buck regulator using a fixed frequency architecture. The
operating supply range is from 8.5V down to 2.65V, making
it suitable for one or two lithium-ion battery-powered appli-
cations. Burst Mode operation provides high efficiency at
low load currents. 100% duty cycle provides low dropout
operation, which extends operating time in battery-operated
systems.
The operating frequency is internally set at 350kHz, allowing
theuseofsmallsurfacemountinductors.Forswitchingnoise
sensitive applications it can be externally synchronized up to
525kHz. The SYNC/FCB control pin guarantees regulation of
secondary windings regardless of load on the main output by
forcing continuous operation. Burst Mode operation is inhib-
ited during synchronization or when the SYNC/FCB pin is
pulled low to reduce noise and RF interference. Soft-start is
provided by an external capacitor.
Optional bootstrapping enhances the internal switch drive for
single lithium-ion cell applications. The internal synchronous
switch increases efficiency and eliminates the need for an
external Schottky diode, saving components and board
space. The LTC1627 comes in an 8-lead SO package.
L1 15
µH
COUT
100
µF
6.3V
80.6k
249k
47pF
VIN
2.8V*
TO 8.5V
VOUT
3.3V
1627 F01a
CSS
0.1
µF
CIN
22
µF
16V
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
+
+
*VOUT CONNECTED TO VIN FOR 2.8V < VIN < 3.3V
OUTPUT CURRENT (mA)
1
70
90
95
100
10
100
1000
1627 F01b
85
80
75
VOUT = 3.3V
VIN = 6V
VIN = 3.6V
VIN = 8.4V
s
High Efficiency: Up to 96%
s
Constant Frequency 350kHz Operation
s
2.65V to 8.5V VIN Range
s
VOUT from 0.8V to VIN, IOUT to 500mA
s
No Schottky Diode Required
s
Synchronizable Up to 525kHz
s
Selectable Burst Mode
TM Operation
s
Low Dropout Operation: 100% Duty Cycle
s
Precision 2.5V Undervoltage Lockout
s
Secondary Winding Regulation
s
Current Mode Operation for Excellent Line and
Load Transient Response
s
Low Quiescent Current: 200
µA
s
Shutdown Mode Draws Only 15
µA Supply Current
s
±1.5% Reference Accuracy
s
Available in 8-Lead SO Package
APPLICATIONS
s
Cellular Telephones
s
Portable Instruments
s
Wireless Modems
s
RF Communications
s
Distributed Power Systems
s
Scanners
s
Single and Dual Cell Lithium
TYPICAL APPLICATION
, LTC and LT are registered trademarks of Linear Technology Corporation.
Burst Mode is a trademark of Linear Technology Corporation.


Similar Part No. - LTC1627CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
96Kb / 12P
500mA Low Voltage Step-Down Synchronous
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1627CS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
Synchronous Step-Down Switching Regulator Controller
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
Synchronous Step-Down Switching Regulator
LTC1627 LINER-LTC1627_15 Datasheet
239Kb / 16P
Monolithic Synchronous Step-Down Switching Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
1.5A Monolithic Synchronous Step-Down Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com