Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1627CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1627CS8 Datasheet HTML 6Page - Linear Technology LTC1627CS8 Datasheet HTML 7Page - Linear Technology LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology LTC1627CS8 Datasheet HTML 10Page - Linear Technology LTC1627CS8 Datasheet HTML 11Page - Linear Technology LTC1627CS8 Datasheet HTML 12Page - Linear Technology LTC1627CS8 Datasheet HTML 13Page - Linear Technology LTC1627CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1627
Auxiliary Winding Control Using SYNC/FCB Pin
The SYNC/FCB pin can be used as a secondary feedback
input to provide a means of regulating a flyback winding
output. When this pin drops below its ground referenced
0.8V threshold, continuous mode operation is forced. In
continuous mode, the main and synchronous MOSFETs
are switched continuously regardless of the load on the
main output.
Synchronous switching removes the normal limitation
that power must be drawn from the inductor primary
winding in order to extract power from auxiliary windings.
With continuous synchronous operation power can be
drawn from the auxiliary windings without regard to the
primary output load.
The secondary output voltage is set by the turns ratio of the
transformer in conjunction with a pair of external resistors
returned to the SYNC/FCB pin as shown in Figure 6. The
secondary regulated voltage VSEC in Figure 6 is given by:
VN
V
V
V
R
R
SEC
OUT
DIODE
≅+
()( )−>
+


10 8
1
4
3
.
where N is the turns ratio of the transformer, VOUT is the
main output voltage sensed by VFB and VDIODE is the
voltage drop across the Schottky diode.
APPLICATIONS INFORMATION
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses in LTC1627 circuits: VIN quiescent current and I2R
losses.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the electrical character-
istics and the internal main switch and synchronous
switch gate charge currents. The gate charge current
results from switching the gate capacitance of the
internal power MOSFET switches. Each time the gate is
switched from high to low to high again, a packet of
charge dQ moves from VIN to ground. The resulting
dQ/dt is the current out of VIN that is typically larger
than the DC bias current. In continuous mode, IGATECHG
= f(QT + QB) where QT and QB are the gate charges of
the internal top and bottom switches. Both the DC bias
and gate charge losses are proportional to VIN and thus
their effects will be more pronounced at higher supply
voltages.
2. I2R losses are calculated from the resistances of the
internal switches RSW and external inductor RL. In
continuous mode the average output current flowing
through inductor L is “chopped” between the main
switch and the synchronous switch. Thus, the series
resistance looking into SW pin from L is a function of
both top and bottom MOSFET RDS(ON) and the duty
cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can
be obtained from the Typical Performance Characteris-
tics curves. Thus, to obtain I2R losses, simply add RSW
to RL and multiply by the square of the average output
current.
Other losses including CIN and COUT ESR dissipative losses,
MOSFET switching losses and inductor core losses generally
account for less than 2% total additional loss.
Figure 6. Secondary Output Loop Connection
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
1
µF
1627 F06
R4
R3
COUT
VOUT
VSEC
L1
1:N
+
+
SYNC/FCB
SW
LTC1627



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com