Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1627CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1627CS8 Datasheet HTML 3Page - Linear Technology LTC1627CS8 Datasheet HTML 4Page - Linear Technology LTC1627CS8 Datasheet HTML 5Page - Linear Technology LTC1627CS8 Datasheet HTML 6Page - Linear Technology LTC1627CS8 Datasheet HTML 7Page - Linear Technology LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology LTC1627CS8 Datasheet HTML 10Page - Linear Technology LTC1627CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1627
load slightly allows constant frequency PWM operation
to resume.
Frequency synchronization is inhibited when the feedback
voltage VFB is below 0.6V. This prevents the external clock
from interfering with the frequency foldback for short-
circuit protection.
Dropout Operation
When the input supply voltage decreases toward the out-
put voltage, the duty cycle increases toward the maximum
on-time. Further reduction of the supply voltage forces the
main switch to remain on for more than one cycle until it
reaches 100% duty cycle. The output voltage will then be
determined by the input voltage minus the voltage drop
across the P-channel MOSFET and the inductor.
In Burst Mode operation or pulse skipping mode operation
(externally synchronized) with the output lightly loaded,
the LTC1627 transitions through continuous mode as it
enters dropout.
Undervoltage Lockout
A precision undervoltage lockout shuts down the LTC1627
when VIN drops below 2.5V, making it ideal for single
lithium-ion battery applications. In lockout, the LTC1627
draws only several microamperes, which is low enough to
prevent deep discharge and possible damage to the lithium-
ion battery nearing its end of charge. A 150mV hysteresis
ensures reliable operation with noisy supplies.
Low Supply Operation
The LTC1627 is designed to operate down to 2.65V supply
voltage. At this voltage the converter is most likely to be
running at high duty cycles or in dropout where the main
switch is on continuously. Hence, the I2R loss is due
mainly to the RDS(ON) of the P-channel MOSFET. See
Efficiency Considerations in the Applications Information
section.
When VIN is low (< 4.5V) the RDS(ON) of the P-channel
MOSFET can be lowered by driving its gate below ground.
The top P-channel MOSFET driver makes use of a floating
return pin, VDR, to allow biasing below GND. A simple
charge pump bootstrapped to the SW pin realizes a
negative voltage at the VDR pin as shown in Figure 2. Using
OPERATIO
Figure 3. Maximum Inductor Peak Current vs Duty Cycle
L1
COUT
100
µF
VOUT
1627 F02
VIN < 4.5V
D1
D2
C1
0.1
µF
C2
0.1
µF
VDR
VIN
SW
LTC1627
+
0
10
20
30 40 50
60 70 80 90 100
950
900
850
800
750
700
650
600
550
500
DUTY CYCLE (%)
1627 F03
WORST CASE
EXTERNAL
CLOCK SYNC
WITHOUT
EXTERNAL
CLOCK SYNC
VIN = 5V
Figure 2. Using a Charge Pump to Bias VDR
the charge pump at VIN ≥ 4.5V is not recommended to
ensure that (VIN – VDR) does not exceed its absolute
maximum voltage.
When VIN decreases to a voltage close to VOUT, the loop
may enter dropout and attempt to turn on the P-channel
MOSFET continuously. When the VDR charge pump is
enabled, a dropout detector counts the number of oscilla-
tor cycles that the P-channel MOSFET remains on, and
periodically forces a brief off period to allow C1 to
recharge. 100% duty cycle is allowed when VDRisgrounded.
Slope Compensation and Inductor Peak Current
Slope compensation provides stability by preventing
subharmonic oscillations. It works by internally adding a
ramp to the inductor current signal at duty cycles in excess
of 40%. As a result, the maximum inductor peak current
is lower for VOUT/VIN > 0.4 than when VOUT/VIN < 0.4. See
the inductor peak current as a function of duty cycle graph
in Figure 3. The worst-case peak current reduction occurs
with the oscillator synchronized at its minimum frequency,
i.e., to a clock just above the oscillator free-running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com