Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1627CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology LTC1627CS8 Datasheet HTML 10Page - Linear Technology LTC1627CS8 Datasheet HTML 11Page - Linear Technology LTC1627CS8 Datasheet HTML 12Page - Linear Technology LTC1627CS8 Datasheet HTML 13Page - Linear Technology LTC1627CS8 Datasheet HTML 14Page - Linear Technology LTC1627CS8 Datasheet HTML 15Page - Linear Technology LTC1627CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1627
TYPICAL APPLICATIONS
3.3V Input to 2.5V/0.5A Regulator
CSS
0.1
µF
COUT
†
100
µF
6.3V
CIN
††
22
µF
16V
C1
0.1
µF
C2
0.1
µF
D2
D1
BAT54S**
10
µH*
* SUMIDA CD54-100
** ZETEX BAT54S
† AVX TPSC107M006R0150
†† AVX TPSC226M016R0375
R2
169k
1%
R1
80.6k
1%
CITH
47pF
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
VIN = 3.3V
VOUT
2.5V
0.5A
1627 TA05
+
+
Single Lithium-Ion to 1.8V/0.3A Regulator
CITH
47pF
CSS
0.1
µF
15
µH*
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
VIN ≤ 4.2V
VOUT
1.8V
0.3A
1627 TA01
+
+
COUT **
100
µF
6.3V
CIN***
22
µF
16V
R2
100k
1%
R1
80.6k
1%
* SUMIDA CD54-150
** AVX TPSC107M006R0150
*** AVX TPSC226M016R0375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com