Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1627CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1627CS8
Description  Monolithic Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1627CS8 Datasheet HTML 8Page - Linear Technology LTC1627CS8 Datasheet HTML 9Page - Linear Technology LTC1627CS8 Datasheet HTML 10Page - Linear Technology LTC1627CS8 Datasheet HTML 11Page - Linear Technology LTC1627CS8 Datasheet HTML 12Page - Linear Technology LTC1627CS8 Datasheet HTML 13Page - Linear Technology LTC1627CS8 Datasheet HTML 14Page - Linear Technology LTC1627CS8 Datasheet HTML 15Page - Linear Technology LTC1627CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1627
1627f LT/TP 0199 4K • PRINTED IN USA
TYPICAL APPLICATIONS
© LINEAR TECHNOLOGY CORPORATION 1998
Double Lithium-Ion to 2.5V/0.5A Regulator
CITH
47pF
CSS
0.1
µF
25
µH*
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
VIN ≤ 8.4V
VOUT
2.5V
0.5A
1627 TA01
+
+
COUT **
100
µF
6.3V
CIN***
22
µF
16V
R2
169k
1%
R1
80.6k
1%
* SUMIDA CD54-250
** AVX TPSC107M006R0150
*** AVX TPSC226M016R0375
***22
µF
6.3V
D1
MBR0520LT1
D2††
ZENER
1.8V
* AVX TPSC226M016R0375
** AVX TPSC107M006R0150
*** AVX TAJA226M006R
VSEC
†††
3.3V
100mA
CITH
47pF
CSS
0.1
µF
R2
100k
1%
1627 TA02
R1
80.6k
1%
VIN ≤ 8.5V
CIN*
22
µF
16V
COUT **
100
µF
6.3V
VOUT
1.8V
0.3A
R4
80.6k
1%
R3
249k
1%
25
µH†
1:1
+
+
+
1
2
3
4
8
7
6
5
SYNC/FCB
VDR
VIN
SW
ITH
RUN/SS
VFB
GND
LTC1627
† COILTRONICS CTX25-1
†† MMSZ4678T1
††† A 10mA MIN LOAD CURRENT
IS RECOMMENDED
Dual Output 1.8V/300mA and 3.3V/100mA Application
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1174/LTC1174-3.3
High Efficiency Step-Down and Inverting DC/DC Converters
Monolithic Switching Regulators, IOUT to 450mA,
LTC1174-5
Burst Mode Operation
LTC1265
1.2A, High Efficiency Step-Down DC/DC Converter
Constant Off-Time, Monolithic, Burst Mode Operation
LT
®1375/LT1376
1.5A, 500kHz Step-Down Switching Regulators
High Frequency, Small Inductor, High Efficiency
LTC1435
High Efficiency, Synchronous Step-Down Converter
16-Pin SO and SSOP
LTC1436/LTC1436-PLL
High Efficiency, Low Noise, Synchronous Step-Down Converters
24-Pin Narrow SSOP
LTC1438/LTC1439
Dual, Low Noise, Synchronous Step-Down Converters
Multiple Output Capability
LTC1474/LTC1475
Low Quiescent Current Step-Down DC/DC Converters
Monolithic, IOUT to 250mA, IQ = 10µA, 8-Pin MSOP
LTC1626
Low Voltage, High Efficiency Step-Down DC/DC Converter
Monolithic, Constant Off-Time, IOUT to 600mA,
Low Supply Voltage Range: 2.5V to 6V
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com