Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1775IGN
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1775IGN Datasheet HTML 8Page - Linear Technology LTC1775IGN Datasheet HTML 9Page - Linear Technology LTC1775IGN Datasheet HTML 10Page - Linear Technology LTC1775IGN Datasheet HTML 11Page - Linear Technology LTC1775IGN Datasheet HTML 12Page - Linear Technology LTC1775IGN Datasheet HTML 13Page - Linear Technology LTC1775IGN Datasheet HTML 14Page - Linear Technology LTC1775IGN Datasheet HTML 15Page - Linear Technology LTC1775IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
LTC1775
Normally, the top and bottom MOSFETs will be of the same
type. A bottom MOSFET with lower RDS(ON) than the top
may be chosen if the resulting increase in short-circuit
current is tolerable. However, the bottom MOSFET should
never be chosen to have a higher nominal RDS(ON) than the
top MOSFET.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
the inductance selected. As inductance increases, core
losses go down. Unfortunately, increased inductance
requires more turns of wire and therefore copper losses
will increase.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses rapidly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Molypermalloy (from Magnetics, Inc.) is a very good, low
loss core material for toroids, but it is more expensive than
ferrite. A reasonable compromise from the same manu-
facturer is Kool M
µ. Toroids are very space efficient,
especially when you can use several layers of wire.
Because they generally lack a bobbin, mounting is more
difficult. However, designs for surface mount are available
which do not increase the height significantly.
Schottky Diode Selection
The Schottky diode D1 shown in Figure 1 conducts during
the dead time between the conduction of the power
MOSFETs. This prevents the body diode of the bottom
MOSFET from turning on and storing charge during the
dead time, which could cost as much as 1% in efficiency.
A 1A Schottky diode is generally a good size for 3A to 5A
regulators. The diode may be omitted if the efficiency loss
can be tolerated.
Parasitic Lead Inductance Effects
Because the LTC1775 is designed to operate with rela-
tively large currents through single (or multiple) MOSFET
switches, the lead inductance of these power switches can
become a significant concern. The table below shows
typical values of lead inductance for some common pack-
ages:
MOSFET Package
Lead Inductance
TO-220
4nH to 12nH
DDPAK
4nH
DPAK
1.5nH
SO-8
1nH
Of particular concern are switches in TO-220 packages
which can have a series inductance of between 4nH and
12nH depending upon the depth of insertion into the
circuit board. When the main (top) switch is turned on, the
lead inductance LP forms a voltage divider with the power
inductor L1. The voltage VLP across this parasitic adds to
the voltage from the switch on-resistance and increases
the current sense voltage.
VLP = (VIN – VOUT)LP/L1
The result is lower value of current limit than would have
been expected otherwise. For example, a 10nH lead induc-
tance with a 5
µH power inductor has 50mV across it when
VIN = 30V and VOUT = 5V. Thus, the 300mV current limit
will be reached when the switch voltage due to on-
resistance is only 250mV, a 17% reduction. This effect is
most noticeable at higher input voltages.
Lead inductance also reduces the benefit of the Schottky
diode D1 by delaying commutation of the inductor current
from the diode over to the synchronous (bottom) switch.
With the diode forward biased when the synchronous
switch turns on, there is only about 500mV applied across
the lead and trace inductance between the switch and the
diode. It takes about 400ns to commutate a 20A current in
this case. This delay reduces efficiency and can also
increase the foldback current limit of the LTC1775. The
Kool M
µ is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com