Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1775IGN
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1775IGN Datasheet HTML 12Page - Linear Technology LTC1775IGN Datasheet HTML 13Page - Linear Technology LTC1775IGN Datasheet HTML 14Page - Linear Technology LTC1775IGN Datasheet HTML 15Page - Linear Technology LTC1775IGN Datasheet HTML 16Page - Linear Technology LTC1775IGN Datasheet HTML 17Page - Linear Technology LTC1775IGN Datasheet HTML 18Page - Linear Technology LTC1775IGN Datasheet HTML 19Page - Linear Technology LTC1775IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1775
In addition to providing a logic input to force continuous
operation, the FCB pin provides a means to regulate a
flyback winding output. It can force continuous synchro-
nous operation when needed by the flyback winding,
regardless of the main output load.
The secondary output voltage VSEC is normally set as
shown in Figure 5a by the turns ratio N of the transformer:
VSEC ≅ (N + 1)VOUT
However, if the controller goes into Burst Mode operation
and halts switching due to a light main load current, then
VSEC will droop. An external resistor divider from VSEC to
the FCB pin sets a minimum voltage VSEC(MIN):
VV
R
R
SEC MIN
()
.
≅+


119
1
4
3
If VSEC drops below this level, the FCB voltage forces
continuous operation until VSEC is again above its
minimum.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest amount of time
that the LTC1775 is capable of turning the top MOSFET on
and off again. It is determined by internal timing delays and
the amount of gate charge required to turn on the top
MOSFET. Low duty cycle applications may approach this
minimum on-time limit and care should be taken to ensure
that:
t
V
Vf
ON MIN
OUT
IN
()
()( )
<
If the duty cycle falls below what can be accommodated by
the minimum on-time, the LTC1775 will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple current and ripple voltage will increase.
The minimum on-time for the LTC1775 is generally about
0.5
µs. However, as the peak sense voltage (IL(PEAK) •
RDS(ON)) decreases, the minimum on-time gradually
increases up to about 0.7
µs. This is of particular concern
in forced continuous applications with low ripple current
at light loads. If the duty cycle drops below the minimum
on-time limit in this situation, a significant amount of
Run/Soft Start Function
The RUN/SS pin is a dual purpose pin that provides a soft
start function and a means to shut down the LTC1775. Soft
start reduces surge currents from VIN by gradually in-
creasing the controller’s current limit ITH(MAX). This pin
can also be used for power supply sequencing.
Pulling the RUN/SS pin below 1.4V puts the LTC1775 into
a low quiescent current shutdown (IQ< 30µA). This pin can
be driven directly from logic as shown in Figure 9. Releas-
ing the RUN/SS pin allows an internal 3
µA current source
to charge up the soft-start capacitor CSS. If RUN/SS has
been pulled all the way to ground there is a delay before
starting of approximately:
t
V
A
Cs
F C
DELAY
SS
SS
=
µ


=µ
()
14
3
05
.
./
When the voltage on RUN/SS reaches 1.4V the LTC1775
begins operating with a clamp on ITH at 0.8V. As the
voltage on RUN/SS increases to approximately 3.1V, the
clamp on ITH is raised until its full 2.4V range is restored.
This takes an additional 0.5s/
µF. During this time the load
current will be folded back to approximately 80mV/RDS(ON)
until the output reaches half of its final value.
Diode D1 in Figure 9 reduces the start delay while allowing
CSS to charge up slowly for the soft start function. This
diode and CSS can be deleted if soft start is not needed. The
RUN/SS pin has an internal 6V zener clamp (See Func-
tional Diagram).
Figure 9. RUN/SS Pin Interfacing
3.3V
OR 5V
RUN/SS
D1
CSS
1775 F09
RUN/SS
CSS
FCB Pin Operation
When the FCB pin drops below its 1.19V threshold,
continuous synchronous operation is forced. In this case,
the top and bottom MOSFETs continue to be driven
regardless of the load on the main output. Burst Mode
operation is disabled and current reversal under light
loads is allowed in the inductor.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com