Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1775IGN
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1775IGN Datasheet HTML 11Page - Linear Technology LTC1775IGN Datasheet HTML 12Page - Linear Technology LTC1775IGN Datasheet HTML 13Page - Linear Technology LTC1775IGN Datasheet HTML 14Page - Linear Technology LTC1775IGN Datasheet HTML 15Page - Linear Technology LTC1775IGN Datasheet HTML 16Page - Linear Technology LTC1775IGN Datasheet HTML 17Page - Linear Technology LTC1775IGN Datasheet HTML 18Page - Linear Technology LTC1775IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1775
reduce the signal swing at the gate by a diode drop. Thus,
the LTC1775 requires an increased EXTVCC voltage of
about 6V (such as provided by the Figure 6 circuit) when
using this driver.
Output Voltage Programming
The LTC1775 has a pin selectable output voltage deter-
mined by the VPROG pin as follows:
VPROG
VOUT
0V
3.3V
INTVCC
5V
Open
Adjustable
Remote sensing of the output voltage is provided by the
VOSENSE pin. For fixed 3.3V and 5V output applications an
internal resistive divider is used and the VOSENSE pin is
connected directly to the output voltage as shown in
Figure 8a. When using an external resistive divider, the
VPROG pin is left open and the VOSENSE pin is connected to
feedback resistors as shown in Figure 8b. The output
voltage is set by the divider as:
VV
R
R
OUT =+


119
1
2
1
.
Figure 8a. Fixed 3.3V or 5V VOUT
Figure 8b. Adjustable VOUT
VPROG INTVCC
CONNECT FOR
VOUT = 5V
CONNECT FOR
VOUT = 3.3V
LTC1775
VOSENSE
1775 F08a
SGND
COUT
VOUT
+
VPROG
OPEN
LTC1775
VOSENSE
1775 F08b
SGND
COUT
VOUT
R1
R2
+
voltage is between 4.7V and 5.2V, INTVCC will be con-
nected to the output and the gate drive is reduced. The
resulting increase in RDS(ON) will also lower the current
limit. Even applications with VOUT > 5.2V will traverse this
region during start-up and must take into account the
reduced current limit.
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor (CB in the functional dia-
gram) connected to the BOOST pin supplies the gate drive
voltage for the topside MOSFET. This capacitor is charged
through diode DB from INTVCC when the SW node is low.
Note that the voltage across CB is about a diode drop below
INTVCC. When the top MOSFET turns on, the switch node
voltage rises to VIN and the BOOST pin rises to approxi-
mately VIN + INTVCC. During dropout operation, CB sup-
plies the top driver for as long as ten cycles between re-
freshes. Thus, the boost capacitance needs to store about
100 times the gate charge required by the top MOSFET. In
many applications 0.1
µF to 0.47µF is adequate.
When adjusting the gate drive level , the final arbiter is the
total input current for the regulator. If you make a change
and the input current decreases, then you improved the
efficiency. If there is no change in input current, then there
is no change in efficiency.
External Gate Drive Buffer
The LTC1775 drivers are adequate for driving up to about
30nC into MOSFET switches. When using large single, or
multiple, MOSFET switches, external buffers may be re-
quired to provide additional gate drive capability. Special
purpose gate driver circuits such as the LTC1693 are ideal
in such cases. Alternately, the external buffer circuit shown
in Figure 7 can be used. Note that the bipolar devices
Q1
FMMT619
GATE
OF M1
TG
BOOST
SW
Q2
FMMT720
Q3
FMMT619
GATE
OF M2
BG
1775 F07
INTVCC
PGND
Q4
FMMT720
Figure 7. Optional External Gate Driver
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com