Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1775IGN
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1775IGN Datasheet HTML 16Page - Linear Technology LTC1775IGN Datasheet HTML 17Page - Linear Technology LTC1775IGN Datasheet HTML 18Page - Linear Technology LTC1775IGN Datasheet HTML 19Page - Linear Technology LTC1775IGN Datasheet HTML 20Page - Linear Technology LTC1775IGN Datasheet HTML 21Page - Linear Technology LTC1775IGN Datasheet HTML 22Page - Linear Technology LTC1775IGN Datasheet HTML 23Page - Linear Technology LTC1775IGN Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
24
LTC1775
©LINEAR TECHNOLOGY CORPORATION 1999
1775f LT/TP 0500 4K • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LT1339
High Power Synchronous DC/DC Controller
60V Maximum Input Voltage
LTC1436A-PLL
High Efficiency Low Noise Synchronous Step-Down Controller
PLL Synchronization and Auxiliary Linear Regulator
LTC1438
Dual High Efficiency Step-Down Controller
Power-On Reset and Low-Battery Comparator
LTC1530
High Power Synchronous Step-Down Controller
SO-8 with Current Limit, No RSENSE Saves Space, Fixed
Frequency Ideal for 5V to 3.3V
LTC1538-AUX
Dual High Efficiency Step-Down Controller
5V Standby Output and Auxiliary Linear Regulator
LTC1625
No RSENSE Current Mode Synchronous Step-Down Controller
Burst Mode Operation, 16-Lead GN Package
LTC1628
Dual High Efficiency 2-Phase Step-Down Controller
Antiphase Drive, Standby 5V and 3.3V LDO, Fault Protection,
VIN Up to 36V
LTC1629
PolyPhase
TM High Efficiency Step-Down Controller
Current Mode Ensures Accurate Current Sharing,
Expandable Up to 200A, VIN Up to 36V
LTC1649
3.3V Input High Power Step-Down Controller
2.7V to 5V Input, 90% Efficiency, Ideal for 3.3V to 1.xV – 2.xV
Up to 20A
LTC1702
Dual 2-Phase High Frequency, High Efficiency Voltage Mode
500kHz; VIN Up to 7V; VOUT1, VOUT2 as Low as 2.x, 1.x,
Synchronous Step-Down Controller
IOUT1, IOUT2 as High as 20A; No Sense Resistor Required
LTC1735
High Efficiency Synchronous Step-Down Controller
Output Fault Protection, 16-Pin GN Package, 4V
≤ VIN ≤ 36V
PolyPhase is a trademark of Linear Technology Corporation.
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
2.5V/5A Adjustable Output
CSS
0.1
µF
RC
10k
CC1
2.2nF
CC2
220pF
M1
1/2 FDS8936A
M2
1/2 FDS8936A
CIN
15
µF
35V
×3
VOUT
2.5V
5A
D1
MBRS140
R2
11k
1%
R1
10k
1%
DB
CMDSH-3
CVCC
4.7
µF
1775 TA03
VIN
TK
EXTVCC
LTC1775
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
2
3
4
5
6
INTVCC
OPEN
7
8
16
15
14
13
12
11
10
9
CB
0.22
µF
RF
1
Ω
VIN
5V TO 25V
L1
6.1
µH
+
+
CF
0.1
µF
COUT
680
µF
4V
×2
+
CIN: KEMET T495X156M035AS
COUT: KEMET T510X687K004AS
L1: SUMIDA CDRH127-6R1
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com