Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1775IGN Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1775IGN
Description  High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1775IGN Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1775IGN Datasheet HTML 15Page - Linear Technology LTC1775IGN Datasheet HTML 16Page - Linear Technology LTC1775IGN Datasheet HTML 17Page - Linear Technology LTC1775IGN Datasheet HTML 18Page - Linear Technology LTC1775IGN Datasheet HTML 19Page - Linear Technology LTC1775IGN Datasheet HTML 20Page - Linear Technology LTC1775IGN Datasheet HTML 21Page - Linear Technology LTC1775IGN Datasheet HTML 22Page - Linear Technology LTC1775IGN Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC1775
Figure 11. 5V/10A Fixed Output from Design Example
A short circuit to ground will result in a folded back
current of:
I
mV
V
s
H
A
SC =
Ω
+ 


µ
µ
=
80
0 013
1 1
1
2
15
0 5
6
62
(.
)( . )
()( .
)
.
with a typical value of RDS(ON) and ρ(50°C) = 1.1. The
resulting power dissipated in the bottom MOSFET is:
P
VV
V
AW
BOT =Ω =
15
5
15
6 2
11 0013
0 37
2
–
(.
) ( . )(.
)
.
which is less than under full load conditions.
CSS
0.1
µF RC
10k
CC1
2.2nF
CC2
220pF
M1
SUD50N03-10
CIN
22
µF
30V
×4
VOUT
5V
10A
M2
SUD50N03-10
D1
MBRS340
DB
CMDSH-3
CVCC
4.7
µF
1775 F11
VIN
TK
EXTVCC
LTC1775
SYNC
VPROG
SW
TG
BOOST
INTVCC
BG
RUN/SS
FCB
ITH
SGND
VOSENSE
PGND
1
VOUT
2
3
4
5
INTVCC
6
7
8
16
15
14
13
12
11
10
9
CB
0.33
µF
RF
1
Ω
VIN
6V TO 22V
L1
6
µH
+
+
CF
0.1
µF
+
COUT
680
µF
6.3V
+
CIN: SANYO 30SC22M
COUT: SANYO 6SP680M
L1: MAGENTICS 55380-A2, 8 TURNS, 15 GAUGE
CIN is chosen for an RMS current rating of at least 5A at
temperature. COUT is chosen with an ESR of 0.013Ω for
low output ripple. The output ripple in continuous mode
will be highest at the maximum input voltage and is
approximately:
∆VO = (∆IL(MAX))(ESR) = (4.3A)(0.013Ω) = 56mV
The complete circuit is shown in Figure 11.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com