Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE Datasheet(PDF) 3 Page - Littelfuse

Part # MLE
Description  Multilayer Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLE Datasheet(HTML) 3 Page - Littelfuse

  MLE Datasheet HTML 1Page - Littelfuse MLE Datasheet HTML 2Page - Littelfuse MLE Datasheet HTML 3Page - Littelfuse MLE Datasheet HTML 4Page - Littelfuse MLE Datasheet HTML 5Page - Littelfuse MLE Datasheet HTML 6Page - Littelfuse MLE Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MLE Varistor Series
Surface Mount Varistors
Multilayer Transient Voltage Suppressor
135
www .littelfuse .com
3
FIGURE 4. IMPEDANCE (Z) vs FREQUENCY
TYPICAL CHARACTERISTIC
0.1
FREQUENCY (MHz)
10
100
1000
10000
1
10
100
0.01
-0402
-0603
-0805
-1206
Typical Performance Curves
For applications exceeding 1250C ambient temperature, the peak surge
current and energy ratings must be reduced as shown in Figure 1.
30
10
0.0001
25
0.001
0.01
0.1
1
NUMBER OF PULSES
FIGURE 3. STANDBY CURRENT AT NORMALIZED VARISTOR
VOLTAGE AND TEMPERATURE
25
20
15
10
5
85
125
O
O
O
100
80
60
40
20
0
-55
50
60
70
80
90
100
110 120
130 140 150
AMBIENTTEMPERATURE ( oC)
FIGURE 1. PEAK CURRENT AND ENERGY DERATING CURVE
FIGURE 2. NOMINAL VOLTAGE STABILITY TO MULTIPLE
ESD IMPULSES (8KV CONTACT DISCHARGES
PER IEC 61000-4-2)
25
0
1
CURRENT (A)
10
100
1000
10000
5
10
15
20
30
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com