Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE Datasheet(PDF) 7 Page - Littelfuse

Part # MLE
Description  Multilayer Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLE Datasheet(HTML) 7 Page - Littelfuse

  MLE Datasheet HTML 1Page - Littelfuse MLE Datasheet HTML 2Page - Littelfuse MLE Datasheet HTML 3Page - Littelfuse MLE Datasheet HTML 4Page - Littelfuse MLE Datasheet HTML 5Page - Littelfuse MLE Datasheet HTML 6Page - Littelfuse MLE Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MLE Varistor Series
Surface Mount Varistors
Multilayer Transient Voltage Suppressor
139
www .littelfuse .com
3
Tape and Reel Specifications
• Conforms to EIA - 481-1, Revision A
• Can be supplied to IEC publication 286 - 3
SYMBOL
DESCRIPTION
DIMENSIONS IN MILLIMETERS
A0
Width of Cavity
Dependent on Chip Size to Minimize Rotation.
B0
Length of Cavity
Dependent on Chip Size to Minimize Rotation.
K0
Depth of Cavity
Dependent on Chip Size to Minimize Rotation.
W
Width of Tape
8
±0.2
F
Distance Between Drive Hole Centers and Cavity Centers
3.5
±0.05
E
Distance Between Drive Hole Centers and Tape Edge
1.75
±0.1
P1
Distance Between Cavity Centers
4
±0.1
P2
Axial Drive Distance Between Drive Hole Centers & Cavity Centers
2
±0.1
P0
Axial Drive Distance Between Drive Hole Centers
4
±0.1
D0
Drive Hole Diameter
1.55
±0.05
D1
Diameter of Cavity Piercing
1.05
±0.05
T1
0.1 Max
Top Tape Thickness
0402 Size
0603, 0805, & 1206 Sizes
2
±0.05
N/A
K0
t1
D0
P0
D1
P1
A0
P2
B0
F
E
W
PLASTIC CARRIERTAPE
EMBOSSMENT
TOP TAPE
8mm
NOMINAL
PRODUCT
IDENTIFYING
LABEL
178mm
OR 330mm
DIA. REEL
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com