Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE Datasheet(PDF) 1 Page - Littelfuse

Part # MLE
Description  Multilayer Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLE Datasheet(HTML) 1 Page - Littelfuse

  MLE Datasheet HTML 1Page - Littelfuse MLE Datasheet HTML 2Page - Littelfuse MLE Datasheet HTML 3Page - Littelfuse MLE Datasheet HTML 4Page - Littelfuse MLE Datasheet HTML 5Page - Littelfuse MLE Datasheet HTML 6Page - Littelfuse MLE Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Surface Mount Varistors
133
www .littelfuse .com
Multilayer Transient Voltage Suppressor
MLE Varistor Series
The MLE Series family of Transient Voltage Suppression devices are based
on the Littelfuse Multilayer fabrication technology. These components are
designed to suppress ESD events, including those specified in IEC 61000-
4-2 or other standards used for Electromagnetic Compliance testing. The
MLE Series is typically applied to protect integrated circuits and other
components at the circuit board level operating at 18VDC, or less.
The fabrication method and materials of these devices result in capaci-
tance characteristics suitable for high frequency attenuation/low-pass
filter circuit functions, thereby providing suppression and filtering in a
single device.
The MLE Series is manufactured from semiconducting ceramics and is sup-
plied in a leadless, surface mount package. The MLE Series is compatible
with modern reflow and wave soldering procedures.
Littelfuse Inc. manufactures other Multilayer Series products. See the ML
Series data sheet for higher energy/peak current transient applications. See
the AUML Series for automotive applications and the MLN Quad Array. For
high speed applications see the MHS series.
Features
• Rated for ESD (IEC-61000-4-2)
• Characterized for Impedance and Capacitance
•-55oC to +125oC Operating Temperature Range
• Leadless 0402, 0603, 0805, and 1206 sizes
• Operating Voltages up to 18VM(DC)
• Multilayer Ceramic Construction Technology
Applications
• Protection of Components and Circuits Sensitive to ESD Transients
Occurring on Power Supplies, Control and Signal Lines
• Suppression of ESD Events Such as Specified in IEC-61000-4-2 or
MIL-STD-883C Method-3015.7, for Electromagnetic Compliance (EMC)
• Used in Mobile Communications, Computer/EDP Products, Medical
Products, Hand Held/Portable Devices, Industrial Equipment,
Including Diagnostic Port Protection and I/O Interfaces
Next
Previous


Similar Part No. - MLE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MLE-COLOR MARKTECH-MLE-COLOR Datasheet
79Kb / 2P
ML-E Color Series on Linear Board
MLE-COLOR MARKTECH-MLE-COLOR_15 Datasheet
79Kb / 2P
ML-E Color Series on Linear Board
MLE-WHITE MARKTECH-MLE-WHITE Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
MLE-WHITE MARKTECH-MLE-WHITE_15 Datasheet
638Kb / 2P
Cree ML-E White Series on Linear Board
logo
Sanken electric
MLE20 SANKEN-MLE20 Datasheet
134Kb / 8P
The present specifications shall apply to silicon N-channel power MOS FET MLE20.
More results

Similar Description - MLE

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
Multilayer Transient Voltage Surge Suppressor
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com