Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE Datasheet(PDF) 6 Page - Littelfuse

Part # MLE
Description  Multilayer Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLE Datasheet(HTML) 6 Page - Littelfuse

  MLE Datasheet HTML 1Page - Littelfuse MLE Datasheet HTML 2Page - Littelfuse MLE Datasheet HTML 3Page - Littelfuse MLE Datasheet HTML 4Page - Littelfuse MLE Datasheet HTML 5Page - Littelfuse MLE Datasheet HTML 6Page - Littelfuse MLE Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Multilayer Transient Voltage Suppressor
MLE Varistor Series
Surface Mount Varistors
138
www .littelfuse .com
Standard Shipping Quantities
D
E
W
L
Mechanical Dimensions
DIMENSION
1206 SIZE
0805 SIZE
0603 SIZE
IN
MM
IN
MM
IN
MM
E
0.071
L
0.02
±0.01
W
0.125
±0.012
DEVICE DIMENSIONS
0402 SIZE
IN
MM
D Max
0.06
±0.011
1.80
0.50
±0.25
3.20
±0.03
1.60
±0.28
0.043
0.02
±0.01
0.079
±0.008
0.049
±0.008
1.1
0.50
±0.25
2.01
±0.2
1.25
±0.2
0.035
0.015
±0.008
0.063
±0.006
0.032
±0.006
0.9
0.4
±0.2
1.6
±0.15
0.8
±0.15
0.024
0.010
±0.006
0.039
±0.004
0.020
±0.004
0.6
0.25
±0.15
1.0
±0.1
0.5
±0.1
V
18
1206
PACKING OPTIONS
A: Bulk Pack (not 0402 size)
H: 7in (178mm) Diameter Reel
T: 13in (330mm) Diameter Reel
DEVICE SIZE:
i.e., 120 mil x 60 mil
DEVICE FAMILY
Littelfuse TVSS Device
X
MAXIMUM DC
WORKING VOLTAGE
MLE
X
X
CAPACITANCE OPTION
No Letter: Standard
L: Low Capacitance Version
END TERMINATION OPTION
No Letter: Ag/Pt (Standard)
W: Ag/Pd
MULTILAYER SERIES
DESIGNATOR
(3mm x 1.5mm)
(not 0402 size)
N: Nickel Barrier (0402-1210) For 0402 package size,
Nickel Barrier termination is subject to availibility.
Please contact a Littelfuse sales representative.
Ordering Information
VXXMLE TYPES
DEVICE SIZE
“13”INCH REEL (“T”OPTION)
“7”INCH REEL (“H”OPTION)
BULK PACK (“A”OPTION)
1206
10,000
2,500
2500
0805
10,000
2,500
2500
0603
10,000
2,500
2500
0402
N/A
N/A
10,000
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com