Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLE Datasheet(PDF) 2 Page - Littelfuse

Part # MLE
Description  Multilayer Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MLE Datasheet(HTML) 2 Page - Littelfuse

  MLE Datasheet HTML 1Page - Littelfuse MLE Datasheet HTML 2Page - Littelfuse MLE Datasheet HTML 3Page - Littelfuse MLE Datasheet HTML 4Page - Littelfuse MLE Datasheet HTML 5Page - Littelfuse MLE Datasheet HTML 6Page - Littelfuse MLE Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Multilayer Transient Voltage Suppressor
MLE Varistor Series
Surface Mount Varistors
134
www .littelfuse .com
Absolute Maximum Ratings For ratings of individual members of a series, see device ratings and specifications table.
Continuous:
Steady State Applied Voltage:
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤18
V
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to + 125
O
C
Storage Temperature Range (TSTG). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to + 150
O
C
Device Ratings and Specifications
PART
NUMBER
MAX CONTINUOUS
WORKING VOLTAGE
-55oC TO 125oC
PERFORMANCE SPECIFICATIONS (25 oC)
NOMINAL
VOLTAGE
TYPICAL
CAPACITANCE
AT 1MHz
MAXIMUM
LEAKAGE
(NOTE 1)
VM(DC)
VNOM AT
1mA DC
I L MAX
AT APPLIED
VOLTAGE
(V)
MIN (V)
MAX
(V)
(NOTE 3)
8kV CONTACT
Clamp
(V)
(NOTE 4)
15kV AIR
( pF)
(
µA)
VDC
V18MLE0603L
18
22
28
50
at 10A
<60
0.1
3.5
0.3
5.5
5.0
15
25
18
V18MLE0805
18
22
28
50
at 10A
<500
0.2
3.5
0.5
5.5
5.0
15
25
18
V18MLE0805L
18
22
28
50
at 10A
<100
0.2
3.5
0.5
5.5
5.0
15
25
18
V18MLE1206
18
22
28
50
at 10A
<1700
0.5
3.5
1.0
5.5
5.0
15
25
18
NOTES:
1. For applications of 18VDC or less. Higher voltages available, contact your Littelfuse Sales Representative.
2. Tested with IEC-61000-4-2 Human Body Model (HBM) discharge test circuit.
3. Direct discharge to device terminals (IEC preferred test method).
4. Corona discharge through air (represents actual ESD event).
5. Capacitance may be customized, contact your Littelfuse Sales Representative.
V18MLE0603
18
22
28
50
at 10A
<100
0.1
3.5
0.3
5.5
5.0
15
25
18
V18MLE0402
18
22
28
50
at 10A
<140
<75
<135
<65
<85
<160
<40
0.1
3.5
0.3
5.5
215
10
18
MAXIMUM
ESD CLAMP VOLTAGE (NOTE 2)
Clamp
(V)
MAXIMUM CLAMPING
VOLTAGE AT SPECIFIED
CURRENT (8/20
µS)
(V)
Vc
<100
<70
<75
<65
<75
<125
NEW
MLE SERIES
UNITS
Next
Previous



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com