Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2753 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2753
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2753 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2753_15 Datasheet HTML 6Page - Linear Technology LTC2753_15 Datasheet HTML 7Page - Linear Technology LTC2753_15 Datasheet HTML 8Page - Linear Technology LTC2753_15 Datasheet HTML 9Page - Linear Technology LTC2753_15 Datasheet HTML 10Page - Linear Technology LTC2753_15 Datasheet HTML 11Page - Linear Technology LTC2753_15 Datasheet HTML 12Page - Linear Technology LTC2753_15 Datasheet HTML 13Page - Linear Technology LTC2753_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2753
10
2753f
PIN FUNCTIONS
RCOM (Pin 1): Center Tap Point for the Reference Inverting
Resistors. The 20k reference inverting resistors R1 and R2
are connected internally from RIN to RCOM and from RCOM
to REFA, respectively (see Block Diagram). For normal
operation tie RCOM to the negative input of the external
reference inverting amplifier (see Typical Applications).
RIN (Pin 2): Input Resistor R1 of the Reference Inverting
Resistors. The 20k resistor R1 is connected internally from
RIN to RCOM. For normal operation tie RIN to the external
reference voltage VREF. Typically 5V; accepts up to ±15V.
S2 (Pin 3): Span I/O Bit 2. Pins S0, S1 and S2 are used
to program and to read back the output ranges of the
DACs.
IOUT2A (Pin 4): DAC A Current Output Complement. Tie
IOUT2A to ground.
GND (Pin 5): Shield Ground, provides necessary shielding
for IOUT2A. Tie to ground.
D3-D11 (Pins 6-14): LTC2753-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D11 is the MSB.
D5-D13 (Pins 6-14): LTC2753-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D13 is the MSB.
D7-D15 (Pins 6-14): LTC2753-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D15 is the MSB.
VDD (Pin 15): Positive Supply Input 2.7V ≤ VDD ≤ 5.5V.
Requires a 0.1μF bypass capacitor to GND.
NC (Pin 16): No Internal Connection.
A1 (Pin 17): DAC Address Bit 1. See Table 3.
A0 (Pin 18): DAC Address Bit 0. See Table 3.
GND (Pin 19): Ground. Tie to ground.
CLR (Pin 20): Asynchronous Clear. When CLR is taken
to a logic low, the data registers are reset to the zero-volt
code for the present output range (VOUT = 0V).
MSPAN (Pin 21): Manual Span Control Pin. MSPAN is used
to configure the LTC2753 for operation in a single, fixed
output range. When configured for single-span operation,
the output range is set via hardware pin strapping. The
input and DAC registers of the span I/O port are transparent
and do not respond to write or update commands.
To configure the part for single-span use, tie MSPAN directly
to VDD. If MSPAN is instead connected to GND (SoftSpan
configuration), the output ranges are set and verified by
using write, update and read operations. See Manual Span
Configuration in the Operation section. MSPAN must be
connected either directly to GND (SoftSpan configuration)
or VDD (single-span configuration).
D0-D2 (Pins 22-24): LTC2753-12 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D4 (Pins 22-26): LTC2753-14 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
D0-D6 (Pins 22-28): LTC2753-16 Only. DAC Input/Output
Data Bits. These I/O pins set and read back the DAC code.
D0 is the LSB.
NC (Pins 25-30): LTC2753-12 Only. No Internal Connection.
NC (Pins 27-30): LTC2753-14 Only. No Internal Connection.
NC (Pins 29, 30): LTC2753-16 Only. No Internal Con-
nection.
GND (Pin 31): Shield Ground, provides necessary shielding
for IOUT2B. Tie to ground.
IOUT2B (Pin 32): DAC B Current Output Complement. Tie
IOUT2B to ground.
S0 (Pin 33): Span I/O Bit 0. Pins S0, S1 and S2 are used to
program and to read back the output range of the DACs.
D/S (Pin 34): Data/Span Select. This pin is used to select
the data I/O pins or the span I/O pins (D0 to D15 or S0
to S2, respectively), along with their respective dedicated
registers, for write or read operations. Update operations
ignore D/S, since all updates affect both data and span
registers. For single-span operation, tie D/S to ground.
READ (Pin 35): Read Pin. When READ is asserted high,
the data I/O pins (D0-D15) or span I/O pins (S0-S2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com